Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5010 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5010
Description  Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5010 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5010 Datasheet HTML 4Page - Analog Devices ADRF5010 Datasheet HTML 5Page - Analog Devices ADRF5010 Datasheet HTML 6Page - Analog Devices ADRF5010 Datasheet HTML 7Page - Analog Devices ADRF5010 Datasheet HTML 8Page - Analog Devices ADRF5010 Datasheet HTML 9Page - Analog Devices ADRF5010 Datasheet HTML 10Page - Analog Devices ADRF5010 Datasheet HTML 11Page - Analog Devices ADRF5010 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Data Sheet
ADRF5010
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 12 of 12
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
(C 0.15 × 0.45°)
PIN 1
INDICATOR
AREA
TOP VIEW
EXPOSED
PAD
SIDE VIEW
BOTTOM VIEW
0.80
0.70
0.60
0.212
0.172
0.132
0.280
0.275
0.270
0.205
0.200
0.195
2.35
2.25 SQ
2.15
0.80
0.75 SQ
0.70
0.53 REF
0.35 REF
1
4
5
7
8
11
12
14
0.40
BSC
1.20
REF
0.125
REF
Figure 21. 14-Terminal Land Grid Array (LGA)
2.25 mm × 2.25 mm Body and 0.70 mm Package Height
(CC-14-5)
Dimensions Shown in Millimeters
Updated: September 04, 2024
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADRF5010BCCZN
−40°C to +105°C
14-Terminal LGA (2.25 mm x 2.25 mm x 0.70 mm)
CC-14-5
ADRF5010BCCZN-R7
−40°C to +105°C
14-Terminal LGA (2.25 mm x 2.25 mm x 0.70 mm)
REEL, 1500
CC-14-5
1 Z = RoHS-Compliant Part.
EVALUATION BOARDS
Model1
Description
ADRF5010-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com