Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDLP223 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCDLP223
Description  3.3 V Clock Synthesizer for DLP™ Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCDLP223 Datasheet(HTML) 2 Page - Texas Instruments

  CDCDLP223 Datasheet HTML 1Page - Texas Instruments CDCDLP223 Datasheet HTML 2Page - Texas Instruments CDCDLP223 Datasheet HTML 3Page - Texas Instruments CDCDLP223 Datasheet HTML 4Page - Texas Instruments CDCDLP223 Datasheet HTML 5Page - Texas Instruments CDCDLP223 Datasheet HTML 6Page - Texas Instruments CDCDLP223 Datasheet HTML 7Page - Texas Instruments CDCDLP223 Datasheet HTML 8Page - Texas Instruments CDCDLP223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
XIN
100Mhz
300Mhz
20Mhz
VSS
VDD
SSCPLL 1
OUT =100Mhz
–0.5%SSC
2-WireSerial
Interface
Control
Logic
LVTTL
Crystal
Oscillator
20Mhz
XOUT
SCLK
SDATA
IREF
IDO
EN
VDD
HCLKout
HCLKout
SSCPLL 2
OUT =200-400Mhz
±1.0%and
±1.5%SSC
150KW
VDD
150KW
CDCDLP223
SCAS836 – DECEMBER 2006
TERMINAL FUNCTIONS
TERMINAL
PIN
TYPE
DESCRIPTION
XIN
1
I
Crystal oscillator input for 20-MHz crystal in parallel resonance
XOUT
2
O
Crystal oscillator output for 20-MHz crystal in parallel resonance
SDATA
9
I/O Open drain
Data I/O, 2-wire serial interface controller, internal 1-M
Ω pullup
SCLK
10
I Interface Clock Clock input, 2-wire serial interface controller, internal 1-M
Ω pullup
20 MHz
5
O LVTTL
Clock output, 20 MHz (buffered output from crystal oscillator)
100 MHz
18
O HCLK
Clock output for XDR clock generator
100 MHz
17
O HCLK
Clock output for XDR clock generator
300 MHz
14
O HCLK
Clock output for DMD system
300 MHz
13
O HCLK
Clock output for DMD system
VDD
4,11,19
Power
3.3 V Power supply
VSS
3,6,12,15,16
Ground
Ground
IREF
20
O RREF to GND IREF pin for HCLK output drive-current biasing
Output enable, 20 MHz, 100 MHz and 200–400 MHz outputs, 150 k
Ω pullup, default =
EN
7
I LVTTL
logic high
Sets 2-wire serial interface ID address bit A0, 150 k
Ω pull-up resistor, default = logic
IDO
8
I LVTTL
high
Table 1. EN Pin (20 MHz, 100 MHz and 300 MHz Clocks)
EN PIN
DESCRIPTION
1
All HCLK outputs, and 20-MHz outputs enabled, detailed device configurations are determined by 2-wire serial interface
settings.
0
All HCLK = true Hi-Z, both PLLs are powered down and 20-MHz output in Hi-Z and Crystal Oscillator disabled, EN overrides
2-wire serial interface settings.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com