Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDLP223 Datasheet (PDF) - Texas Instruments

CDCDLP223 Datasheet PDF - Texas Instruments
Part # CDCDLP223
Download  CDCDLP223 Download
File Size   339.21 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3 V Clock Synthesizer for DLP™ Systems

CDCDLP223 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCDLP223 Datasheet PDF - Texas Instruments

Part # CDCDLP223
Download  CDCDLP223 Click to download

File Size   339.21 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3 V Clock Synthesizer for DLP™ Systems

CDCDLP223 Datasheet (HTML) - Texas Instruments


CDCDLP223 Product details

FEATURES
· High-Performance Clock Synthesizer
· Uses a 20 MHz Crystal Input to Generate
Multiple Output Frequencies
· Integrated Load Capacitance for 20 MHz
Oscillator Reducing System Cost
· All PLL Loop Filter Components are
Integrated
· Generates the Following Clocks:
– REF CLK 20 MHz (Buffered)
– XCG CLK 100 MHz With SSC
– DMD CLK 200-400 MHz With Selectable
SSC
· Very Low Period Jitter Characteristic:
– ±100 ps at 20 MHz Output
– ±75 ps at 100 MHz and 200–400 MHz
Outputs
· Includes Spread-Spectrum Clocking (SSC),
With Down Spread for 100 MHz and Center
Spread for 200–400 MHz
· HCLK Differential Outputs for the 100 MHz
and the 200–400 MHz Clock
· Operates From Single 3.3-V Supply
· Packaged in TSSOP20
· Characterized for the Industrial Temperature
Range -40°C to 85°C
· ESD Protection Exceeds JESD22
· 2000-V Human-Body Model (A114-C) –
MIL-STD-883, Method 3015

TYPICAL APPLICATIONS
· Central Clock Generator for DLP™ Systems

DESCRIPTION
The CDCDLP223 is a PLL-based high performance
clock synthesizer that is optimized for use in DLP™
systems. It uses a 20 MHz crystal to generate the
fundamental frequency and derives the frequencies
for the 100 MHz HCLK and the 300 MHz HCLK
output. Further, the CDCDLP223 generates a
buffered copy of the 20 MHz Crystal Oscillator
Frequency at the 20 MHz output terminal.
The 100 MHz HCLK output provides the reference
clock for the XDR Clock Generator (CDCD5704).
Spread-spectrum clocking with 0.5% down spread,
which reduces Electro Magnetic Interference (EMI),
is applied in the default configuration. The
spread-spectrum clocking (SSC) is turned on and off
via the serial control interface.
The 300 MHz HCLK output provides a 200-400 MHz
clock signal for the DMD Control Logic of the DLP™
Control ASIC. Frequency selection in 20 MHz steps
is possible via the serial control interface.
Spread-spectrum clocking with ±1.0% or ±1.5%
center spread is applied, which can be disabled via
the serial control interface
The CDCDLP223 features a fail safe start-up circuit,
which enables the PLLs only if a sufficient supply
voltage is applied and a stable oscillation is delivered
from the crystal oscillator. After the crystal start-up
time and the PLL stabilization time, all outputs are
ready for use.
The CDCDLP223 works from a single 3.3-V supply
and is characterized for operation from –40°C to
85°C.




Similar Part No. - CDCDLP223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
3.3 V Clock Synthesizer for DLP TM Systems
CDCDLP223 TI-CDCDLP223 Datasheet
205Kb / 9P
3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI1-CDCDLP223 Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
CDCDLP223PW TI1-CDCDLP223PW Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
CDCDLP223PWG4 TI1-CDCDLP223PWG4 Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
More results


Similar Description - CDCDLP223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Integrated Circuit Syst...
ICS149317 ICST-ICS149317 Datasheet
222Kb / 11P
Clock Synthesizer for Portable Systems
Revision 101005
logo
Texas Instruments
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
3.3 V Clock Synthesizer for DLP TM Systems
CDCDLP223 TI-CDCDLP223_07 Datasheet
205Kb / 9P
3.3 V Clock Synthesizer for DLP Systems
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCDLP223 TI1-CDCDLP223_15 Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
logo
Renesas Technology Corp
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com