Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDLP223 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCDLP223
Description  3.3 V Clock Synthesizer for DLP™ Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCDLP223 Datasheet(HTML) 1 Page - Texas Instruments

  CDCDLP223 Datasheet HTML 1Page - Texas Instruments CDCDLP223 Datasheet HTML 2Page - Texas Instruments CDCDLP223 Datasheet HTML 3Page - Texas Instruments CDCDLP223 Datasheet HTML 4Page - Texas Instruments CDCDLP223 Datasheet HTML 5Page - Texas Instruments CDCDLP223 Datasheet HTML 6Page - Texas Instruments CDCDLP223 Datasheet HTML 7Page - Texas Instruments CDCDLP223 Datasheet HTML 8Page - Texas Instruments CDCDLP223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
XIN
1
20
XOUT
2
TSSOP 20
19
VSS
3
18
VDD
4
17
20MHZ
5
16
VSS
6
15
EN
7
14
IDO
8
13
SDATA
9
12
SCLK
10
11
IREF
VDD
100MHZ
100MHZ
VSS
VSS
300MHZ
300MHZ
VSS
VDD
TYPICAL APPLICATIONS
DESCRIPTION
CDCDLP223
SCAS836 – DECEMBER 2006
3.3 V Clock Synthesizer for DLP™ Systems
CDCDLP223 PIN ASSIGNMENTS
• High-Performance Clock Synthesizer
• Uses a 20 MHz Crystal Input to Generate
Multiple Output Frequencies
• Integrated Load Capacitance for 20 MHz
Oscillator Reducing System Cost
• All PLL Loop Filter Components are
Integrated
• Generates the Following Clocks:
REF CLK 20 MHz (Buffered)
XCG CLK 100 MHz With SSC
DMD CLK 200-400 MHz With Selectable
SSC
• Very Low Period Jitter Characteristic:
±100 ps at 20 MHz Output
±75 ps at 100 MHz and 200–400 MHz
Outputs
The 100 MHz HCLK output provides the reference
clock for the XDR Clock Generator (CDCD5704).
• Includes Spread-Spectrum Clocking (SSC),
Spread-spectrum clocking with 0.5% down spread,
With Down Spread for 100 MHz and Center
which reduces Electro Magnetic Interference (EMI),
Spread for 200–400 MHz
is
applied
in
the
default
configuration.
The
• HCLK Differential Outputs for the 100 MHz
spread-spectrum clocking (SSC) is turned on and off
and the 200–400 MHz Clock
via the serial control interface.
• Operates From Single 3.3-V Supply
The 300 MHz HCLK output provides a 200-400 MHz
• Packaged in TSSOP20
clock signal for the DMD Control Logic of the DLP™
Control ASIC. Frequency selection in 20 MHz steps
• Characterized for the Industrial Temperature
is
possible
via
the
serial
control
interface.
Range -40
°C to 85°C
Spread-spectrum clocking with
±1.0% or ±1.5%
• ESD Protection Exceeds JESD22
center spread is applied, which can be disabled via
• 2000-V Human-Body Model (A114-C) –
the serial control interface
MIL-STD-883, Method 3015
The CDCDLP223 features a fail safe start-up circuit,
which enables the PLLs only if a sufficient supply
voltage is applied and a stable oscillation is delivered
• Central Clock Generator for DLP™ Systems
from the crystal oscillator. After the crystal start-up
time and the PLL stabilization time, all outputs are
ready for use.
The CDCDLP223 is a PLL-based high performance
The CDCDLP223 works from a single 3.3-V supply
clock synthesizer that is optimized for use in DLP™
and is characterized for operation from –40
°C to
systems. It uses a 20 MHz crystal to generate the
85
°C.
fundamental frequency and derives the frequencies
for the 100 MHz HCLK and the 300 MHz HCLK
output.
Further,
the
CDCDLP223
generates
a
buffered copy of the 20 MHz Crystal Oscillator
Frequency at the 20 MHz output terminal.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCDLP223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
3.3 V Clock Synthesizer for DLP TM Systems
CDCDLP223 TI-CDCDLP223 Datasheet
205Kb / 9P
3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI1-CDCDLP223 Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
CDCDLP223PW TI1-CDCDLP223PW Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
CDCDLP223PWG4 TI1-CDCDLP223PWG4 Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
More results

Similar Description - CDCDLP223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Integrated Circuit Syst...
ICS149317 ICST-ICS149317 Datasheet
222Kb / 11P
Clock Synthesizer for Portable Systems
Revision 101005
logo
Texas Instruments
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
3.3 V Clock Synthesizer for DLP TM Systems
CDCDLP223 TI-CDCDLP223_07 Datasheet
205Kb / 9P
3.3 V Clock Synthesizer for DLP Systems
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCDLP223 TI1-CDCDLP223_15 Datasheet
528Kb / 10P
3.3 V Clock Synthesizer for DLP Systems
logo
Renesas Technology Corp
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com