Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDLP223 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCDLP223
Description  3.3 V Clock Synthesizer for DLP™ Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCDLP223 Datasheet(HTML) 4 Page - Texas Instruments

  CDCDLP223 Datasheet HTML 1Page - Texas Instruments CDCDLP223 Datasheet HTML 2Page - Texas Instruments CDCDLP223 Datasheet HTML 3Page - Texas Instruments CDCDLP223 Datasheet HTML 4Page - Texas Instruments CDCDLP223 Datasheet HTML 5Page - Texas Instruments CDCDLP223 Datasheet HTML 6Page - Texas Instruments CDCDLP223 Datasheet HTML 7Page - Texas Instruments CDCDLP223 Datasheet HTML 8Page - Texas Instruments CDCDLP223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ti.com
TIMING REQUIREMENTS
(1)
CDCDLP223
SCAS836 – DECEMBER 2006
over recommended ranges of supply voltage, load and operating free air temperature
PARAMETER
MIN
TYP
MAX
UNIT
XIN, XOUT REQUIREMENTS
fXIN
Frequency of crystal attached to XIN, XOUT, with CL = 20 pF (2 × 40 pF) on-die
20
MHz
capacitance
2 WIRE SERIAL INTERFACE REQUIREMENTS STANDARD MODE
fSCLK
SCLK frequency
0
100
kHz
th(START)
START hold time (see Figure 1)
4.0
µs
tw(SCLL)
SCLK low-pulse duration (see Figure 1)
4.7
µs
tw(SCLH)
SCLK high-pulse duration (see Figure 1)
4.0
µs
tsu(START)
START setup time (see Figure 1)
4.7
µs
th(SDATA)
SDATA hold time (see Figure 1)
0
3.45
µs
tsu(SDATA)
SDATA setup time (see Figure 1)
250
ns
tr(SDATA)
SCLK / SDATA input rise time (see Figure 1)
1000
ns
tf(SDATA)
SCLK / SDATA input fall time (see Figure 1)
300
ns
tsu(STOP)
STOP setup time (see Figure 1)
4.0
µs
tBUS
Bus free time
4.7
µs
2 WIRE SERIAL INTERFACE REQUIREMENTS FAST MODE
fSCLK
SCLK frequency
0
400
kHz
th(START)
START hold time (see Figure 1)
0.6
µs
tw(SCLL)
SCLK low-pulse duration (see Figure 1)
1.3
µs
tw(SCLH)
SCLK high-pulse duration (see Figure 1)
0.6
µs
tsu(START)
START setup time (see Figure 1)
0.6
µs
th(SDATA)
SDATA hold time (see Figure 1)
0
0.9
µs
tsu(DATA)
SDATA setup time (see Figure 1)
100
ns
tr(SDATA)
SCLK / SDATA input rise time (see Figure 1)
20
300
ns
tf(SDATA)
SCLK / SDATA input fall time (see Figure 1)
20
300
ns
tsu(STOP)
STOP setup time (see Figure 1)
0.6
µs
tBUS
Bus free time
1.3
µs
(1)
The CDCDLP223 2-wire serial interface in Send-Mode meets both I2C and SMBus set up time tsu and hold time th requirements.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com