Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF855 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCVF855
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCVF855 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCVF855 Datasheet HTML 2Page - Texas Instruments CDCVF855 Datasheet HTML 3Page - Texas Instruments CDCVF855 Datasheet HTML 4Page - Texas Instruments CDCVF855 Datasheet HTML 5Page - Texas Instruments CDCVF855 Datasheet HTML 6Page - Texas Instruments CDCVF855 Datasheet HTML 7Page - Texas Instruments CDCVF855 Datasheet HTML 8Page - Texas Instruments CDCVF855 Datasheet HTML 9Page - Texas Instruments CDCVF855 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
GND
V
DD
R=60 W
V
Yx
R=60 W
V
/2
DD
V
Yx
CDCVF855
S0229-02
CDCVF855
SCAS839A – APRIL 2007 – REVISED MAY 2007
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low- to high-level propagation delay
tPLH(1)
Test mode/CLK to any output
3.5
ns
time
High- to low-level propagation delay
tPHL (1)
Test mode/CLK to any output
3.5
ns
time
100/133/167 MHz
–65
65
(PC1600/2100/2700)
tjit(per)(2)
Jitter (period), see Figure 7
ps
200 MHz (PC3200)
–30
30
100/133/167 MHz
–60
60
(PC1600/2100/2700)
tjit(cc)(2)
Jitter (cycle-to-cycle), see Figure 4
ps
200 MHz (PC3200)
–40
40
100/133/167 MHz
–100
100
(PC1600/2100/2700)
tjit(hper)(2)
Half-period jitter, see Figure 8
ps
200 MHz (PC3200)
–75
75
tslr(o)
Output clock slew rate, see Figure 9
Load: 120
Ω, 14 pF
1
2
V/ns
t(φ)
Static phase offset, see Figure 5
100/133/167/200 MHz
–50
50
ps
Load: 120
Ω, 14 pF;
tsk(o)
Output skew, see Figure 6
40
ps
100/133/167/200 MHz
(1)
Refers to the transition of the noninverting output.
(2)
This parameter is assured by design but cannot be 100% production tested.
Figure 1. IBIS Model Output Load
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com