Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF855 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCVF855
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCVF855 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCVF855 Datasheet HTML 3Page - Texas Instruments CDCVF855 Datasheet HTML 4Page - Texas Instruments CDCVF855 Datasheet HTML 5Page - Texas Instruments CDCVF855 Datasheet HTML 6Page - Texas Instruments CDCVF855 Datasheet HTML 7Page - Texas Instruments CDCVF855 Datasheet HTML 8Page - Texas Instruments CDCVF855 Datasheet HTML 9Page - Texas Instruments CDCVF855 Datasheet HTML 10Page - Texas Instruments CDCVF855 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
Scope
C=14pF
Z=60 W
Z=60 W
Z=50 W
Z=50 W
R=50 W
R=50 W
V
(TT)
V
(TT)
C=14pF
–V
DD/2
–V
DD/2
V
=GND
(TT)
–V
DD/2
V
DD/2
R=10 W
R=10 W
CDCVF855
S0230-02
Probe
C=14pF
Z=60 W
Z=60 W
R=1MW
R=1MW
V
(TT)
V
(TT)
C=14pF
GND
GND
C=1pF
C=1pF
V
=GND
(TT)
GND
V
DD
R=120 W
CDCVF855
S0231-02
Yx,FBOUT
YxFBOUT
,
t
c(n)
t
c(n +1)
t
=t
– t
jit(cc)
c(n)
c(n+1)
T0174-01
CDCVF855
SCAS839A – APRIL 2007 – REVISED MAY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 2. Output Load Test Circuit
Figure 3. Output Load Test Circuit for Crossing Point
Figure 4. Cycle-to-Cycle Jitter
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com