Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF855 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCVF855
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCVF855 Datasheet(HTML) 1 Page - Texas Instruments

  CDCVF855 Datasheet HTML 1Page - Texas Instruments CDCVF855 Datasheet HTML 2Page - Texas Instruments CDCVF855 Datasheet HTML 3Page - Texas Instruments CDCVF855 Datasheet HTML 4Page - Texas Instruments CDCVF855 Datasheet HTML 5Page - Texas Instruments CDCVF855 Datasheet HTML 6Page - Texas Instruments CDCVF855 Datasheet HTML 7Page - Texas Instruments CDCVF855 Datasheet HTML 8Page - Texas Instruments CDCVF855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
CDCVF855
SCAS839A – APRIL 2007 – REVISED MAY 2007
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
• Spread-Spectrum Clock Compatible
The CDCVF855 is a high-performance, low-skew,
low-jitter,
zero-delay
buffer
that
distributes
a
• Operating Frequency: 60 MHz to 220 MHz
differential
clock
input
pair
(CLK,
CLK)
to
4
• Low Jitter (Cycle-Cycle): ±60 ps (±40 ps at 200
differential pairs of clock outputs (Y[0:3], Y[0:3]) and
MHz)
one differential pair of feedback clock outputs
• Low Static Phase Offset: ±50 ps
(FBOUT, FBOUT). The clock outputs are controlled
by the clock inputs (CLK, CLK), the feedback clocks
• Low Jitter (Period): ±60 ps (±30 ps at 200 MHz)
(FBIN, FBIN), and the analog power input (AVDD).
• 1-to-4 Differential Clock Distribution (SSTL2)
When PWRDWN is high, the outputs switch in phase
• Best in Class for V
OX = VDD/2 ±0.1 V
and frequency with CLK. When PWRDWN is low, all
outputs are disabled to a high-impedance state
• Operates From Dual 2.6-V or 2.5-V Supplies
(3-state) and the PLL is shut down (low-power
• Available in a 28-Pin TSSOP Package
mode). The device also enters this low-power mode
• Consumes < 100-µA Quiescent Current
when the input frequency falls below a suggested
• External Feedback Pins (FBIN, FBIN) Are Used
detection frequency that is below 20 MHz (typical 10
MHz). An input frequency-detection circuit detects
to Synchronize the Outputs to the Input
the low-frequency condition and, after applying a
Clocks
>20-MHz input signal, this detection circuit turns the
• Meets/Exceeds JEDEC Standard (JESD82-1)
PLL on and enables the outputs.
For DDRI-200/266/333 Specification
When AVDD is strapped low, the PLL is turned off
• Meets/Exceeds Proposed DDRI-400
and bypassed for test purposes. The CDCVF855 is
Specification (JESD82-1A)
also able to track spread-spectrum clocking for
• Enters Low-Power Mode When No CLK Input
reduced EMI.
Signal Is Applied or PWRDWN Is Low
Because the CDCVF855 is based on PLL circuitry, it
requires a stabilization time to achieve phase-lock of
the PLL. This stabilization time is required following
• DDR Memory Modules (DDR400/333/266/200)
power up. The CDCVF855 is characterized for both
• Zero-Delay Fan-Out Buffer
commercial and industrial temperature ranges.
AVAILABLE OPTIONS
TA
TSSOP (PW)
–40
°C to 85°C
CDCVF855PW
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCVF855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855 Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855PW TI1-CDCVF855PW Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855PWG4 TI1-CDCVF855PWG4 Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855PWR TI1-CDCVF855PWR Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results

Similar Description - CDCVF855

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855_16 Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_17 Datasheet
1Mb / 23P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com