Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF855 Datasheet (PDF) - Texas Instruments

CDCVF855 Datasheet PDF - Texas Instruments
Part # CDCVF855
Download  CDCVF855 Download
File Size   316.01 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER

CDCVF855 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCVF855 Datasheet PDF - Texas Instruments

Part # CDCVF855
Download  CDCVF855 Click to download

File Size   316.01 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER

CDCVF855 Datasheet (HTML) - Texas Instruments


CDCVF855 Product details

FEATURES
· Spread-Spectrum Clock Compatible
· Operating Frequency: 60 MHz to 220 MHz
· Low Jitter (Cycle-Cycle): ±60 ps (±40 ps at 200
MHz)
· Low Static Phase Offset: ±50 ps
· Low Jitter (Period): ±60 ps (±30 ps at 200 MHz)
· 1-to-4 Differential Clock Distribution (SSTL2)
· Best in Class for VOX = VDD/2 ±0.1 V
· Operates From Dual 2.6-V or 2.5-V Supplies
· Available in a 28-Pin TSSOP Package
· Consumes < 100-mA Quiescent Current
· External Feedback Pins (FBIN, FBIN) Are Used
to Synchronize the Outputs to the Input
Clocks
· Meets/Exceeds JEDEC Standard (JESD82-1)
For DDRI-200/266/333 Specification
· Meets/Exceeds Proposed DDRI-400
Specification (JESD82-1A)
· Enters Low-Power Mode When No CLK Input
Signal Is Applied or PWRDWN Is Low

APPLICATIONS
· DDR Memory Modules (DDR400/333/266/200)
· Zero-Delay Fan-Out Buffer

DESCRIPTION
The CDCVF855 is a high-performance, low-skew,
low-jitter, zero-delay buffer that distributes a
differential clock input pair (CLK, CLK) to 4
differential pairs of clock outputs (Y[0:3], Y[0:3]) and one differential pair of feedback clock outputs
(FBOUT, FBOUT). The clock outputs are controlled
by the clock inputs (CLK, CLK), the feedback clocks
(FBIN, FBIN), and the analog power input (AVDD).
When PWRDWN is high, the outputs switch in phase
and frequency with CLK. When PWRDWN is low, all
outputs are disabled to a high-impedance state
(3-state) and the PLL is shut down (low-power
mode). The device also enters this low-power mode
when the input frequency falls below a suggested
detection frequency that is below 20 MHz (typical 10
MHz). An input frequency-detection circuit detects
the low-frequency condition and, after applying a
>20-MHz input signal, this detection circuit turns the
PLL on and enables the outputs.
When AVDD is strapped low, the PLL is turned off
and bypassed for test purposes. The CDCVF855 is
also able to track spread-spectrum clocking for
reduced EMI.
Because the CDCVF855 is based on PLL circuitry, it
requires a stabilization time to achieve phase-lock of
the PLL. This stabilization time is required following
power up. The CDCVF855 is characterized for both
commercial and industrial temperature ranges.




Similar Part No. - CDCVF855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855 Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855PW TI1-CDCVF855PW Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855PWG4 TI1-CDCVF855PWG4 Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855PWR TI1-CDCVF855PWR Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results


Similar Description - CDCVF855

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855_16 Datasheet
793Kb / 16P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_17 Datasheet
1Mb / 23P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com