Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 2 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 2 Page - AVX Corporation

  TPS Datasheet HTML 1Page - AVX Corporation TPS Datasheet HTML 2Page - AVX Corporation TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
66
021318
TPS Series
Low ESR
Not recommended for new designs; higher voltage or smaller case size alternatives are available.
Released ratings
(M tolerance only) (ESR ratings in mOhms in parentheses)
Engineering samples - please contact AVX
NOTE: Voltage ratings are minimum values. AVX reserves
the right to supply higher voltage ratings in the
same case size, to the same reliability standards.
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code 2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.15
154
A(9000)
0.22
224
A(6000)
A(7000)
0.33
334
A(6000)
A(7000)
0.47
474
A(7000)
A(6000)
A(6500), B(6000)
B(4000)
C(2300)
0.68
684
A(6000)
A(6000)
B(4000)
1.0
105
R(9000)
A(6200)
A(3000), R(6000)
A(4000)
A(3000)
B(3000)
S(6000), T(2000)
R(2500,4000)
B(2000)
C(2500)
1.5
155
A(3000)
A(3000)
A(3000)
C(1500,2000)
B(1800)
B(2500)
2.2
225
R(7000)
A(1800)
A(1800,3500)
A(3000), B(1700)
A(2500)
B(750,1500,
C(1500)
T(2000)
B(900,1200,2500)
2000), C(1000)
D(1200)
3.3
335
A(2100)
T(1500)
A(3500), B(2500)
A(2500)
A(1000,1500)
B(1000)
C(1000)
B(1300)
B(750,1500,2000)
C(700)
D(800)
A(1400), B(1400)
A(2000)
A(1800)
B(700,900,1500)
B(700,1500)
C(800)
4.7
475
S(4000)
R(3000,5000)
B(800,1500)
B(750,1000)
C(700)
C(600), D(700)
D(250,300,500,700)
X(500)
A(1000)
6.8
685
A(1800)
A(1800), B(1300)
A(1500)
B(600,1000)
B(700)
C(350)
D(200, 300,
T(1800)
B(600,1200)
C(700)
C(500,600,700)
D(150,400,500)
500,600)
A(1500), B(1500)
A(900,1800), B(1000)
A(1000), B(500,800)
B(500,1000)
B(1800)
C(600)
D(500)
10
106
R(3000)
R(1000,1500,3000)
P(2000)(M), S(900)
C(500), T(800,1000)
C(500,700)
C(300,500)
D(125,300)
E(250,300,
T(1000)
T(1000,2000)
W(500,600)
W(250, 500)
D(500)
E(200), Y(250)
400,500)
A(1000)
B(500,800)
B(500)
C(220,300)
C(350,450)
E(250)
15
156
A(700,1500)
B(450,600), C(700)
C(300,700)
C(400,450)
D(100,300)
D(100,300)
V(250)
T(1200)
Y(250)
A(300,500,900)
A(900)
B(400,600)
B(400,600)
C(275,400)
D(125,200,300,400)
22
226
B(375,600)
B(400,500,700)
C(150,250,300,375)
C(100,150,400)
D(100,200,300)
E(125,200,300)
C(500), S(900)
C(300), T(800)
D(700), W(500)
D(200,300)
F(300)
Y(200)
A(700)
B(350,500)
C(400)
A(600)
B(250,425,500,650)
C(100,150,225,300)
C(300)
D(100,200,300)
D(200,300)
33
336
B(250,350,450,600)
C(150,375,500)
D(200), W(140,175,
D(100,200)
E(100,175,
E(100,250,300)
T(800)
W(350)
250,400,500)
200,300)
V(200)
Y(300,400)
Y(200)
A(800)
B(250,350,500,650)
C(110,350)
D(75,100,200)
D(125,150,250
D(300))
47
476
A(500)
B(250,350,500)
C(200,350)
D(80,100,150,200)
E(70,125,150,
E(80,100,125)
E(200,250)
C(300), T(1200)
D(100,300)
W(200)
200,250)
(Y250)
V(150,200)
W(125,150,250)
X(180), Y(250)
X(200)
B(600)
C(125,200)
D(70,150,
D(150,200,300)
B(250,350,500)
C(80,100,200,300)
D(70,100,150)
200,300)
E(125,200)
68
686
C(150,200)
D(100,150), W(100,150)
F(200), X(150)
E(125,150,200)
V(80,95,150,200)
V(150,200)
W(110,125,250)
Y(100,200)
Y(150,200,250)
Y(200)
B(400)
C(200)
B(200,250,
B(250,400)
C(75,100,150,200)
D(60,100,125,150)
D(85,100,150)
100
107
B(200)
350,500)
C(75,150), D(300)
D(50,65,80,100,125,
E(55,100,125,150)
E(100,150,200)
E(150), V(100)
W(100)
W(100,150)
150), E(125) W(150)
F(150,200)(M)
V(60,85,100,200)
Y(100)
X(85,150,200)
Y(100,150,200)
Y(100,150,200)
B(250)
C(50,90,150,200,250)
C(150), D(50,85,100),
D(60,85,100,125,150)
150
157
B(150)
C(70,80)
D(50,125),
E(100), F(200), X(100)(M)
E(50,100), V(45,75)
V(80)
V(150)
(M)
Y(40,50)
Y(100,150,200)
Y(200)(M)
B(150,
C(70,100,125,250)
D(40,50,100,150)
220
227
200,600)
D(40,50,100)
D(50,100,125)
E(50,60,70,100,
E(50,100,150)
D(45)
Y(40,50,75)
E(100), F(200)
125,150)
V(50,75,100,150)
Y(100,150)
Y(100,150,200)
C(100)
C(80,100)
330
337
Y(40)
D(35,45,100)
D(45,50,70,100)
D(50,65,100,150)
E(200)(M)
F(200)
E(50,100,125,150)
E(40,50,60,100)
X(100)
V(100), Y(75,100,150)
V(40,60,100)
D(35)
D(45,60,100,200)
470
477
F(200)
D(45,100)
E(45,50,60,100,200)
E(45,50,60,100,200)
Y(100)
E(35,45,100)
V(40,55,100), Y(150)
V(40,60,100)
D(35,50)
D(45,60,100)
E(45,60,100)
E(150)(M)
680
687
E(35,50)
E(40,60,100)
V(35,40,50)
V(100)(M)
Y(100)
1000
108
E(30,40)
E(40,60)
E(100)
(M), V(40,50)(M)
Y(100)(M)
V(25,35,40,50)
D(100)
E(50,75)
1500
158
E(50)
V(50,75)(M)
V(30,40)(M)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com