Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 10 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 10 Page - AVX Corporation

Back Button TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation TPS Datasheet HTML 10Page - AVX Corporation TPS Datasheet HTML 11Page - AVX Corporation TPS Datasheet HTML 12Page - AVX Corporation TPS Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74
021318
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSE336*025#0175
E
33
25
85
17
125
8.3
6
175
0.971
0.874
0.388
11)
TPSE336*025#0200
E
33
25
85
17
125
8.3
6
200
0.908
0.817
0.363
11)
TPSE336*025#0300
E
33
25
85
17
125
8.3
6
300
0.742
0.667
0.297
11)
TPSY336*025#0200
Y
33
25
85
17
125
8.3
6
200
0.791
0.712
0.316
1
1)
TPSD476*025#0125
D
47
25
85
17
125
11.8
6
125
1.095
0.986
0.438
1
TPSD476*025#0150
D
47
25
85
17
125
11.8
6
150
1.000
0.900
0.400
1
TPSD476*025#0250
D
47
25
85
17
125
11.8
6
250
0.775
0.697
0.310
1
TPSE476*025#0080
E
47
25
85
17
125
11.8
6
80
1.436
1.293
0.574
1
1)
TPSE476*025#0100
E
47
25
85
17
125
11.8
6
100
1.285
1.156
0.514
1
1)
TPSE476*025#0125
E
47
25
85
17
125
11.8
6
125
1.149
1.034
0.460
1
1)
TPSY476*025#0250
Y
47
25
85
17
125
11.8
6
250
0.707
0.636
0.283
1
1)
TPSD686*025#0150
D
68
25
85
17
125
17
6
150
1.000
0.900
0.400
1
TPSD686*025#0200
D
68
25
85
17
125
17
6
200
0.866
0.779
0.346
1
TPSD686*025#0300
D
68
25
85
17
125
17
6
300
0.707
0.636
0.283
1
TPSE686*025#0125
E
68
25
85
17
125
17
6
125
1.149
1.034
0.460
1
1)
TPSE686*025#0200
E
68
25
85
17
125
17
6
200
0.908
0.817
0.363
1
1)
TPSV686*025#0080
V
68
25
85
17
125
17
6
80
1.768
1.591
0.707
1
1)
TPSV686*025#0095
V
68
25
85
17
125
17
6
95
1.622
1.460
0.649
1
1)
TPSV686*025#0150
V
68
25
85
17
125
17
6
150
1.291
1.162
0.516
1
1)
TPSV686*025#0200
V
68
25
85
17
125
17
6
200
1.118
1.006
0.447
1
1)
TPSE107*025#0150
E
100
25
85
17
125
25
10
150
1.049
0.944
0.420
1
1)
TPSV107*025#0100
V
100
25
85
17
125
25
8
100
1.581
1.423
0.632
1
1)
TPSV157M025#0150
V
150
25
85
17
125
37.5
10
150
1.291
1.162
0.516
1
1)
35 Volt @ 85°C
TPSA224*035#6000
A
0.22
35
85
23
125
0.5
4
6000
0.112
0.101
0.045
1
TPSA334*035#6000
A
0.33
35
85
23
125
0.5
4
6000
0.112
0.101
0.045
1
TPSA474*035#6000
A
0.47
35
85
23
125
0.5
4
6000
0.112
0.101
0.045
1
TPSB474*035#4000
B
0.47
35
85
23
125
0.5
4
4000
0.146
0.131
0.058
1
TPSA684*035#6000
A
0.68
35
85
23
125
0.5
4
6000
0.112
0.101
0.045
1
TPSA105*035#3000
A
1
35
85
23
125
0.5
4
3000
0.158
0.142
0.063
1
TPSB105*035#2000
B
1
35
85
23
125
0.5
4
2000
0.206
0.186
0.082
1
TPSA155*035#3000
A
1.5
35
85
23
125
0.5
6
3000
0.158
0.142
0.063
1
TPSB155*035#2500
B
1.5
35
85
23
125
0.5
6
2500
0.184
0.166
0.074
1
TPSA225*035#1500
A
2.2
35
85
23
125
0.8
6
1500
0.224
0.201
0.089
1
TPSB225*035#0750
B
2.2
35
85
23
125
0.8
6
750
0.337
0.303
0.135
1
TPSB225*035#1500
B
2.2
35
85
23
125
0.8
6
1500
0.238
0.214
0.095
1
TPSB225*035#2000
B
2.2
35
85
23
125
0.8
6
2000
0.206
0.186
0.082
1
TPSC225*035#1000
C
2.2
35
85
23
125
0.8
6
1000
0.332
0.298
0.133
1
TPSB335*035#1000
B
3.3
35
85
23
125
1.2
6
1000
0.292
0.262
0.117
1
TPSC335*035#0700
C
3.3
35
85
23
125
1.2
6
700
0.396
0.357
0.159
1
TPSB475*035#0700
B
4.7
35
85
23
125
1.6
6
700
0.348
0.314
0.139
1
TPSB475*035#1500
B
4.7
35
85
23
125
1.6
6
1500
0.238
0.214
0.095
1
TPSC475*035#0600
C
4.7
35
85
23
125
1.6
6
600
0.428
0.385
0.171
1
TPSD475*035#0700
D
4.7
35
85
23
125
1.6
6
700
0.463
0.417
0.185
1
TPSC685*035#0350
C
6.8
35
85
23
125
2.4
6
350
0.561
0.505
0.224
1
TPSD685*035#0150
D
6.8
35
85
23
125
2.4
6
150
1.000
0.900
0.400
1
TPSD685*035#0400
D
6.8
35
85
23
125
2.4
6
400
0.612
0.551
0.245
1
TPSD685*035#0500
D
6.8
35
85
23
125
2.4
6
500
0.548
0.493
0.219
1
TPSC106*035#0600
C
10
35
85
23
125
3.5
6
600
0.428
0.385
0.171
1
TPSD106*035#0125
D
10
35
85
23
125
3.5
6
125
1.095
0.986
0.438
1
TPSD106*035#0300
D
10
35
85
23
125
3.5
6
300
0.707
0.636
0.283
1
TPSE106*035#0200
E
10
35
85
23
125
3.5
6
200
0.908
0.817
0.363
1
1)
TPSY106*035#0250
Y
10
35
85
23
125
3.5
6
250
0.707
0.636
0.283
1
1)
TPSC156*035#0350
C
15
35
85
23
125
5.3
6
350
0.561
0.505
0.224
1
TPSC156*035#0450
C
15
35
85
23
125
5.3
6
450
0.494
0.445
0.198
1
TPSD156*035#0100
D
15
35
85
23
125
5.3
6
100
1.225
1.102
0.490
1
TPSD156*035#0300
D
15
35
85
23
125
5.3
6
300
0.707
0.636
0.283
1
TPSY156*035#0250
Y
15
35
85
23
125
5.3
6
250
0.707
0.636
0.283
1
1)
TPSD226*035#0125
D
22
35
85
23
125
7.7
6
125
1.095
0.986
0.438
1
TPSD226*035#0200
D
22
35
85
23
125
7.7
6
200
0.866
0.779
0.346
1
TPSD226*035#0300
D
22
35
85
23
125
7.7
6
300
0.707
0.636
0.283
1
TPSD226*035#0400
D
22
35
85
23
125
7.7
6
400
0.612
0.551
0.245
1
TPSE226*035#0125
E
22
35
85
23
125
7.7
6
125
1.149
1.034
0.460
1
1)
TPSE226*035#0200
E
22
35
85
23
125
7.7
6
200
0.908
0.817
0.363
1
1)
TPSE226*035#0300
E
22
35
85
23
125
7.7
6
300
0.742
0.667
0.297
1
1)
TPSY226*035#0200
Y
22
35
85
23
125
7.7
6
200
0.791
0.712
0.316
1
1)
TPSD336*035#0200
D
33
35
85
23
125
11.6
6
200
0.866
0.779
0.346
1
TPSD336*035#0300
D
33
35
85
23
125
11.6
6
300
0.707
0.636
0.283
1
TPSE336*035#0100
E
33
35
85
23
125
11.6
6
100
1.285
1.156
0.514
1
1)
TPSE336*035#0250
E
33
35
85
23
125
11.6
6
250
0.812
0.731
0.325
1
1)
TPSE336*035#0300
E
33
35
85
23
125
11.6
6
300
0.742
0.667
0.297
1
1)
TPSV336*035#0200
V
33
35
85
23
125
11.6
6
200
1.118
1.006
0.447
1
1)
TPSD476*035#0300V
D
47
35
85
23
125
16.5
6
300
0.707
0.636
0.283
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com