Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 11 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 11 Page - AVX Corporation

Back Button TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation TPS Datasheet HTML 10Page - AVX Corporation TPS Datasheet HTML 11Page - AVX Corporation TPS Datasheet HTML 12Page - AVX Corporation TPS Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
021318
75
TPS Series
Low ESR
11) –Dry pack option (see How to order) is recommended for reduction of stress during solder-
ing. Dry pack parts should be treated as MSL 3.
For AEC-Q200 availability, please contact AVX.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020
All technical data relates to an ambient temperature of +25°C. Capacitance and
DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL ismeasured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement
to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 269.
NOTE: AVX reserves the right to supply higher voltage ratings or tighter tolerance part
in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSE476*035#0200
E
47
35
85
23
125
16.5
6
200
0.908
0.817
0.363
1
1)
TPSE476*035#0250
E
47
35
85
23
125
16.5
6
250
0.812
0.731
0.325
1
1)
TPSV476*035#0150
V
47
35
85
23
125
16.5
6
150
1.291
1.162
0.516
1
1)
TPSV476*035#0200
V
47
35
85
23
125
16.5
6
200
1.118
1.006
0.447
1
1)
TPSV686*035#0150
V
68
35
85
23
125
23.8
6
150
1.291
1.162
0.516
1
1)
TPSV686*035#0200
V
68
35
85
23
125
23.8
6
200
1.118
1.006
0.447
1
1)
50 Volt @ 85°C
TPSA154*050#9000
A
0.15
50
85
33
125
0.5
4
9000
0.091
0.082
0.037
1
TPSA224*050#7000
A
0.22
50
85
33
125
0.5
4
7000
0.104
0.093
0.041
1
TPSA334*050#7000
A
0.33
50
85
33
125
0.5
4
7000
0.104
0.093
0.041
1
TPSA474*050#6500
A
0.47
50
85
33
125
0.5
4
6500
0.107
0.097
0.043
1
TPSB474*050#6000
B
0.47
50
85
33
125
0.5
4
6000
0.119
0.107
0.048
1
TPSC474*050#2300
C
0.47
50
85
33
125
0.5
4
2300
0.219
0.197
0.087
1
TPSB684*050#4000
B
0.68
50
85
33
125
0.5
4
4000
0.146
0.131
0.058
1
TPSB105*050#3000
B
1
50
85
33
125
0.5
6
3000
0.168
0.151
0.067
1
TPSC105*050#2500
C
1
50
85
33
125
0.5
4
2500
0.210
0.189
0.084
1
TPSC155*050#1500
C
1.5
50
85
33
125
0.8
6
1500
0.271
0.244
0.108
1
TPSC155*050#2000
C
1.5
50
85
33
125
0.8
6
2000
0.235
0.211
0.094
1
TPSC225*050#1500
C
2.2
50
85
33
125
1.1
8
1500
0.271
0.244
0.108
1
TPSD225*050#1200
D
2.2
50
85
33
125
1.1
6
1200
0.354
0.318
0.141
1
TPSC335*050#1000
C
3.3
50
85
33
125
1.6
6
1000
0.332
0.298
0.133
1
TPSD335*050#0800
D
3.3
50
85
33
125
1.7
6
800
0.433
0.390
0.173
1
TPSC475*050#0800
C
4.7
50
85
33
125
2.4
6
800
0.371
0.334
0.148
1
TPSD475*050#0250
D
4.7
50
85
33
125
2.4
6
250
0.775
0.697
0.310
1
TPSD475*050#0300
D
4.7
50
85
33
125
2.4
6
300
0.707
0.636
0.283
1
TPSD475*050#0500
D
4.7
50
85
33
125
2.4
6
500
0.548
0.493
0.219
1
TPSD475*050#0700
D
4.7
50
85
33
125
2.4
6
700
0.463
0.417
0.185
1
TPSX475*050#0500V
X
4.7
50
85
33
125
2.4
6
500
0.447
0.402
0.179
3
TPSD685*050#0200
D
6.8
50
85
33
125
3.4
6
200
0.866
0.779
0.346
1
TPSD685*050#0300
D
6.8
50
85
33
125
3.4
6
300
0.707
0.636
0.283
1
TPSD685*050#0500
D
6.8
50
85
33
125
3.4
6
500
0.548
0.493
0.219
1
TPSD685*050#0600
D
6.8
50
85
33
125
3.4
6
600
0.500
0.450
0.200
1
TPSD106*050#0500
D
10
50
85
33
125
5
6
500
0.548
0.493
0.219
1
TPSE106*050#0250
E
10
50
85
33
125
5
6
250
0.812
0.731
0.325
1
1)
TPSE106*050#0300
E
10
50
85
33
125
5
6
300
0.742
0.667
0.297
1
1)
TPSE106*050#0400
E
10
50
85
33
125
5
6
400
0.642
0.578
0.257
1
1)
TPSE106*050#0500
E
10
50
85
33
125
5
6
500
0.574
0.517
0.230
1
1)
TPSE156*050#0250
E
15
50
85
33
125
7.5
6
250
0.812
0.731
0.325
1
1)
TPSV156*050#0250
V
15
50
85
33
125
7.5
6
250
1.000
0.900
0.400
1
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com