Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 8 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 8 Page - AVX Corporation

Back Button TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation TPS Datasheet HTML 10Page - AVX Corporation TPS Datasheet HTML 11Page - AVX Corporation TPS Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
72
021318
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSY686*016#0150
Y
68
16
85
10
125
10.9
6
150
0.913
0.822
0.365
1
1)
TPSY686*016#0200
Y
68
16
85
10
125
10.9
6
200
0.791
0.712
0.316
11)
TPSY686*016#0250
Y
68
16
85
10
125
10.9
6
250
0.707
0.636
0.283
11)
TPSC107*016#0200
C
100
16
85
10
125
16
8
200
0.742
0.667
0.297
1
TPSD107*016#0060
D
100
16
85
10
125
16
6
60
1.581
1.423
0.632
1
TPSD107*016#0100
D
100
16
85
10
125
16
6
100
1.225
1.102
0.490
1
TPSD107*016#0125
D
100
16
85
10
125
16
6
125
1.095
0.986
0.438
1
TPSD107*016#0150
D
100
16
85
10
125
16
6
150
1.000
0.900
0.400
1
TPSE107*016#0055
E
100
16
85
10
125
16
6
55
1.732
1.559
0.693
11)
TPSE107*016#0100
E
100
16
85
10
125
16
6
100
1.285
1.156
0.514
11)
TPSE107*016#0125
E
100
16
85
10
125
16
6
125
1.149
1.034
0.460
11)
TPSE107*016#0150
E
100
16
85
10
125
16
6
150
1.049
0.944
0.420
11)
TPSF107M016#0150
F
100
16
85
10
125
16
10
150
0.816
0.735
0.327
1
TPSF107M016#0200
F
100
16
85
10
125
16
10
200
0.707
0.636
0.283
1
TPSY107*016#0100
Y
100
16
85
10
125
16
8
100
1.118
1.006
0.447
11)
TPSY107*016#0150
Y
100
16
85
10
125
16
8
150
0.913
0.822
0.365
11)
TPSY107*016#0200
Y
100
16
85
10
125
16
8
200
0.791
0.712
0.316
11)
TPSD157*016#0060
D
150
16
85
10
125
24
6
60
1.581
1.423
0.632
1
TPSD157*016#0085
D
150
16
85
10
125
24
6
85
1.328
1.196
0.531
1
TPSD157*016#0100
D
150
16
85
10
125
24
6
100
1.225
1.102
0.490
1
TPSD157*016#0125
D
150
16
85
10
125
24
6
125
1.095
0.986
0.438
1
TPSD157*016#0150
D
150
16
85
10
125
24
6
150
1.000
0.900
0.400
1
TPSE157*016#0050V
E
150
16
85
10
125
24
8
50
1.817
1.635
0.727
3
TPSE157*016#0100
E
150
16
85
10
125
24
8
100
1.285
1.156
0.514
11)
TPSV157*016#0045
V
150
16
85
10
125
24
8
45
2.357
2.121
0.943
11)
TPSV157*016#0075
V
150
16
85
10
125
24
8
75
1.826
1.643
0.730
11)
TPSY157M016#0200
Y
150
16
85
10
125
24
15
200
0.791
0.712
0.316
11)
TPSE227*016#0050V
E
220
16
85
10
125
35.2
10
50
1.817
1.635
0.727
3
TPSE227*016#0100
E
220
16
85
10
125
35.2
10
100
1.285
1.156
0.514
11)
TPSE227*016#0150
E
220
16
85
10
125
35.2
10
150
1.049
0.944
0.420
11)
TPSV227*016#0050
V
220
16
85
10
125
35.2
8
50
2.236
2.012
0.894
11)
TPSV227*016#0075
V
220
16
85
10
125
35.2
8
75
1.826
1.643
0.730
11)
TPSV227*016#0100
V
220
16
85
10
125
35.2
8
100
1.581
1.423
0.632
11)
TPSV227*016#0150
V
220
16
85
10
125
35.2
8
150
1.291
1.162
0.516
11)
TPSE337M016#0200
E
330
16
85
10
125
52.8
30
200
0.908
0.817
0.363
11)
20 Volt @ 85°C
TPSA105*020#3000
A
1
20
85
13
125
0.5
4
3000
0.158
0.142
0.063
1
TPSR105*020#6000
R
1
20
85
13
125
0.5
4
6000
0.096
0.086
0.038
1
TPSS105*020#6000
S
1
20
85
13
125
0.5
4
6000
0.104
0.094
0.042
1
TPST105*020#2000
T
1
20
85
13
125
0.5
4
2000
0.200
0.180
0.080
1
TPSA155*020#3000
A
1.5
20
85
13
125
0.5
6
3000
0.158
0.142
0.063
1
TPSA225*020#3000
A
2.2
20
85
13
125
0.5
6
3000
0.158
0.142
0.063
1
TPSB225*020#1700
B
2.2
20
85
13
125
0.5
6
1700
0.224
0.201
0.089
1
TPSA335*020#2500
A
3.3
20
85
13
125
0.7
6
2500
0.173
0.156
0.069
1
TPSB335*020#1300
B
3.3
20
85
13
125
0.7
6
1300
0.256
0.230
0.102
1
TPSA475*020#1800
A
4.7
20
85
13
125
0.9
6
1800
0.204
0.184
0.082
1
TPSB475*020#0750
B
4.7
20
85
13
125
0.9
6
750
0.337
0.303
0.135
1
TPSB475*020#1000
B
4.7
20
85
13
125
0.9
6
1000
0.292
0.262
0.117
1
TPSA685*020#1000
A
6.8
20
85
13
125
1.4
6
1000
0.274
0.246
0.110
1
TPSB685*020#0600
B
6.8
20
85
13
125
1.4
6
600
0.376
0.339
0.151
1
TPSB685*020#1000
B
6.8
20
85
13
125
1.4
6
1000
0.292
0.262
0.117
1
TPSC685*020#0700
C
6.8
20
85
13
125
1.4
6
700
0.396
0.357
0.159
1
TPSB106*020#0500
B
10
20
85
13
125
2
6
500
0.412
0.371
0.165
1
TPSB106*020#1000
B
10
20
85
13
125
2
6
1000
0.292
0.262
0.117
1
TPSC106*020#0500
C
10
20
85
13
125
2
6
500
0.469
0.422
0.188
1
TPSC106*020#0700
C
10
20
85
13
125
2
6
700
0.396
0.357
0.159
1
TPSW106*020#0250
W
10
20
85
13
125
2
6
250
0.600
0.540
0.240
1
TPSW106*020#0500
W
10
20
85
13
125
2
6
500
0.424
0.382
0.170
1
TPSB156*020#0500
B
15
20
85
13
125
3
6
500
0.412
0.371
0.165
1
TPSC156*020#0400
C
15
20
85
13
125
3
6
400
0.524
0.472
0.210
1
TPSC156*020#0450
C
15
20
85
13
125
3
6
450
0.494
0.445
0.198
1
TPSB226*020#0400
B
22
20
85
13
125
4.4
6
400
0.461
0.415
0.184
1
TPSB226*020#0600
B
22
20
85
13
125
4.4
6
600
0.376
0.339
0.151
1
TPSC226*020#0100
C
22
20
85
13
125
4.4
6
100
1.049
0.944
0.420
1
TPSC226*020#0150
C
22
20
85
13
125
4.4
6
150
0.856
0.771
0.343
1
TPSC226*020#0400
C
22
20
85
13
125
4.4
6
400
0.524
0.472
0.210
1
TPSD226*020#0200
D
22
20
85
13
125
4.4
6
200
0.866
0.779
0.346
1
TPSD226*020#0300
D
22
20
85
13
125
4.4
6
300
0.707
0.636
0.283
1
TPSC336*020#0300
C
33
20
85
13
125
6.6
6
300
0.606
0.545
0.242
1
TPSD336*020#0100
D
33
20
85
13
125
6.6
6
100
1.225
1.102
0.490
1
TPSD336*020#0200
D
33
20
85
13
125
6.6
6
200
0.866
0.779
0.346
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com