Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL356CEZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADXL356CEZ
Description  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL356CEZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADXL356CEZ Datasheet HTML 35Page - Analog Devices ADXL356CEZ Datasheet HTML 36Page - Analog Devices ADXL356CEZ Datasheet HTML 37Page - Analog Devices ADXL356CEZ Datasheet HTML 38Page - Analog Devices ADXL356CEZ Datasheet HTML 39Page - Analog Devices ADXL356CEZ Datasheet HTML 40Page - Analog Devices ADXL356CEZ Datasheet HTML 41Page - Analog Devices ADXL356CEZ Datasheet HTML 42Page - Analog Devices ADXL356CEZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet
ADXL356/ADXL357/ADXL357B
INTERRUPTS
analog.com
Rev. C | 39 of 52
EXT_SYNC = 00, EXT_CLK = 0—No External
Synchronization or Interpolation
This is the default mode of operation for the device. The sensor
runs on an internal ODR and an internal clock that is generated
by an internal oscillator. The internal ODR serves as the synchroni-
zation controller, which generates the data. Register 0x28 is used
to program the ODR. No external signals are required, and this
mode is used typically when the external processor retrieves data
from the device asynchronously and absolute synchronization to an
external source is not required.
The device outputs a DRDY (active high) to signal that a new sam-
ple is available, and data is retrieved from the real-time registers or
the FIFO. The group delay is based on the decimation setting, as
shown in Table 11. This mode is shown in Figure 101.
EXT_SYNC = 10, EXT_CLK = 0—External
Synchronization With Interpolation
Synchronization using interpolation filters and an external ODR
clock is commonly used when the external processor can provide a
synchronization signal, SYNC, that is asynchronous to the internal
clock at the desired ODR. In this case, an interpolation filter pro-
vides additional time resolution of 64 times the programmed ODR
(see Table 13). Synchronization with the interpolation filter enabled
(EXT_SYNC = 10) allows the sensor to operate on an internal clock
and output data most closely associated with the SYNC rising edge.
The advantage of this mode is that data is available at an arbitrary
user defined SYNC sample rate and is asynchronous to the internal
clock oscillator. The maximum sample rate cannot exceed 4000
SPS. The disadvantage of this mode is that the group delay is in-
creased, with increased attenuation at the band edge. Additionally,
because there is a limit to the time resolution, there is some distor-
tion related to the mismatch of the external synchronization relative
to the internal clock oscillator. This mismatch degrades spectral
performance. The group delay is based on the decimation setting
and interpolation setting (see Table 13). Figure 102 schematically
shows the timings in this mode, and Table 14 shows the delay
between the SYNC signal (input) to DRDY (output).
Table 14. EXT_SYNC = 10, DRDY Delay
ODR_LPF
SYNC to DRDY Delay (Oscillator Cycles)
0x0
8
0x1
10
0x2
14
0x3
22
0x4
38
0x5
70
0x6
134
0x7
262
Table 14. EXT_SYNC = 10, DRDY Delay (Continued)
ODR_LPF
SYNC to DRDY Delay (Oscillator Cycles)
0x8
1031
0x9
2054
0xA
4102
EXT_SYNC = 01, EXT_CLK = 1—External
Synchronization and External Clock, No
Interpolation Filter
When configured for EXT_SYNC = 01 and EXT_CLK = 1 (sync
register, see Table 48), the user must supply an external clock
(enabled via the EXT_CLK bit) at 1.024 MHz on the INT2 pin (Pin
13) and an external synchronization signal, SYNC, on the DRDY
pin (Pin 14), as shown in Table 15. If configured in this mode and
an external clock is not supplied, the device does not process any
data and reading from the output results in null values. This mode is
schematically shown in Figure 103.
Special restrictions when using this mode include the following:
►
The external clock frequency on INT2 (Pin 13, see Table 15)
must be 1.024 MHz.
►
The pulse width of the SYNC signal must be at least 3.91 µs,
which represents four cycles of the external clock (4 ÷ 1.024
MHz = ~3.91 µs).
►
The phase of SYNC must meet an approximate 25 ns setup time
to the external clock rising edge.
When using the EXT_SYNC mode and without providing the SYNC
signal, the device runs on its own internal ODR. Similarly, after
external synchronization, the device continues to run synchronized
to the last SYNC pulse it received, which means that EXT_SYNC =
01 mode can be used with only a single synchronization pulse.
For more information about the lost sample in Figure 103, see the
DRDY Pin section.
EXT_SYNC = 10, EXT_CLK = 1—External
Synchronization and External Clock, With
Interpolation Filter
This mode can be used to run the device on an external clock
and synchronization with an arbitrary sample rate set by the SYNC
signal rate. Conditions for external SYNC and external clock signals
is the same as EXT_SYNC = 01, EXT_CLK = 1 mode. The inter-
polation filter provides a frequency resolution related to the ODR
(see Table 13). In this case, the data provided corresponds to the
external SYNC signal, which can be greater than the set ODR and
less than 4000 SPS, but the output pass band remains the same it
was prior to the interpolation filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com