Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL356CEZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADXL356CEZ
Description  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL356CEZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADXL356CEZ Datasheet HTML 10Page - Analog Devices ADXL356CEZ Datasheet HTML 11Page - Analog Devices ADXL356CEZ Datasheet HTML 12Page - Analog Devices ADXL356CEZ Datasheet HTML 13Page - Analog Devices ADXL356CEZ Datasheet HTML 14Page - Analog Devices ADXL356CEZ Datasheet HTML 15Page - Analog Devices ADXL356CEZ Datasheet HTML 16Page - Analog Devices ADXL356CEZ Datasheet HTML 17Page - Analog Devices ADXL356CEZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Data Sheet
ADXL356/ADXL357/ADXL357B
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 14 of 52
Table 10. ADXL357 and ADXL357B Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
5
VDDIO
Digital Interface Supply Voltage.
6
VSSIO
Digital Ground.
7
RESERVED
Reserved. This pin can be connected to ground or left open.
8
V1P8DIG
Digital Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this pin externally.
9
VSS
Analog Ground.
10
V1P8ANA
Analog Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this pin externally.
11
VSUPPLY
Supply Voltage. When VSUPPLY equals 2.25 V to 3.6 V, VSUPPLY enables the internal LDO regulators to generate V1P8DIG and V1P8ANA.
For VSUPPLY = VSS, V1P8DIG and V1P8ANA are externally supplied.
12
INT1
Interrupt Pin 1.
13
INT2
Interrupt Pin 2.
14
DRDY
Data Ready Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com