Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL356CEZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADXL356CEZ
Description  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL356CEZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADXL356CEZ Datasheet HTML 40Page - Analog Devices ADXL356CEZ Datasheet HTML 41Page - Analog Devices ADXL356CEZ Datasheet HTML 42Page - Analog Devices ADXL356CEZ Datasheet HTML 43Page - Analog Devices ADXL356CEZ Datasheet HTML 44Page - Analog Devices ADXL356CEZ Datasheet HTML 45Page - Analog Devices ADXL356CEZ Datasheet HTML 46Page - Analog Devices ADXL356CEZ Datasheet HTML 47Page - Analog Devices ADXL356CEZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Data Sheet
ADXL356/ADXL357/ADXL357B
REGISTER DEFINITIONS
analog.com
Rev. C | 44 of 52
Address: 0x09, Reset: 0x00, Name: XDATA2
Table 26. Bit Descriptions for XDATA2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
XDATA, Bits[11:4]
X-axis data
0x00
R
Address: 0x0A, Reset: 0x00, Name: XDATA1
Table 27. Bit Descriptions for XDATA1
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
XDATA, Bits[3:0]
X-axis data
0x0
R
[3:0]
Reserved
Reserved
0x0
R
Y-AXIS DATA REGISTERS
These three registers contain the y-axis acceleration data. Data is left justified and formatted as twos complement.
Address: 0x0B, Reset: 0x00, Name: YDATA3
Table 28. Bit Descriptions for YDATA3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
YDATA, Bits[19:12]
Y-axis data
0x00
R
Address: 0x0C, Reset: 0x00, Name: YDATA2
Table 29. Bit Descriptions for YDATA2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
YDATA, Bits[11:4]
Y-axis data
0x00
R
Address: 0x0D, Reset: 0x00, Name: YDATA1
Table 30. Bit Descriptions for YDATA1
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
YDATA, Bits[3:0]
Y-axis data
0x0
R
[3:0]
Reserved
Reserved
0x0
R
Z-AXIS DATA REGISTERS
These three registers contain the z-axis acceleration data. Data is left justified and formatted as twos complement.
Address: 0x0E, Reset: 0x00, Name: ZDATA3
Table 31. Bit Descriptions for ZDATA3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ZDATA, Bits[19:12]
Z-axis data
0x00
R
Address: 0x0F, Reset: 0x00, Name: ZDATA2
Table 32. Bit Descriptions for ZDATA2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ZDATA, Bits[11:4]
Z-axis data
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com