Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL356CEZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL356CEZ
Description  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL356CEZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL356CEZ Datasheet HTML 9Page - Analog Devices ADXL356CEZ Datasheet HTML 10Page - Analog Devices ADXL356CEZ Datasheet HTML 11Page - Analog Devices ADXL356CEZ Datasheet HTML 12Page - Analog Devices ADXL356CEZ Datasheet HTML 13Page - Analog Devices ADXL356CEZ Datasheet HTML 14Page - Analog Devices ADXL356CEZ Datasheet HTML 15Page - Analog Devices ADXL356CEZ Datasheet HTML 16Page - Analog Devices ADXL356CEZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Data Sheet
ADXL356/ADXL357/ADXL357B
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 13 of 52
Figure 6. ADXL356 Pin Configuration
Table 9. ADXL356 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RANGE
Range Selection Pin. Set this pin to ground to select the ±10 g range, or set this pin to VDDIO to select the ±20 g or ±40 g range. This
pin is model dependent (see the Ordering Guide section).
2
ST1
Self Test Pin 1. This pin enables self test mode. This pin must be forced low when not in self test mode.
3
ST2
Self Test Pin 2. This pin activates electromechanical self test actuation. This pin must be forced low when not in self test mode.
4
TEMP
Temperature Sensor Output.
5
VDDIO
Digital Interface Supply Voltage.
6
VSSIO
Digital Ground.
7
STBY
Standby or Measurement Mode Selection Pin. Set this pin to ground to enter standby mode, or set this pin to VDDIO to enter
measurement mode.
8
V1P8DIG
Digital Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this pin externally.
9
VSS
Analog Ground.
10
V1P8ANA
Analog Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this pin externally.
11
VSUPPLY
Supply Voltage. When VSUPPLY equals 2.25 V to 3.6 V, VSUPPLY enables the internal LDO regulators to generate V1P8DIG and V1P8ANA.
For VSUPPLY = VSS, V1P8DIG and V1P8ANA are externally supplied.
12
XOUT
X-Axis Output.
13
YOUT
Y-Axis Output.
14
ZOUT
Z-Axis Output.
Figure 7. ADXL357 and ADXL357B Pin Configuration (SPI/I2C)
Table 10. ADXL357 and ADXL357B Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CS /SCL
Chip Select for SPI ( CS ).
Serial Communications Clock for I2C (SCL).
2
SCLK/VSSIO
Serial Communications Clock for SPI (SCLK).
I2C Mode Enable (VSSIO). Connect this pin to Pin 6 (VSSIO) to enable I2C mode.
3
MOSI/SDA
Main Output, Subordinate Input for SPI (MOSI).
Serial Data for I2C (SDA).
4
MISO/ASEL
Main Input, Subordinate Output for SPI (MISO).
Alternate I2C Address Select for I2C (ASEL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com