Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC04CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC04CD
Description  BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC04CD Datasheet(HTML) 5 Page - Texas Instruments

  TLC04CD Datasheet HTML 1Page - Texas Instruments TLC04CD Datasheet HTML 2Page - Texas Instruments TLC04CD Datasheet HTML 3Page - Texas Instruments TLC04CD Datasheet HTML 4Page - Texas Instruments TLC04CD Datasheet HTML 5Page - Texas Instruments TLC04CD Datasheet HTML 6Page - Texas Instruments TLC04CD Datasheet HTML 7Page - Texas Instruments TLC04CD Datasheet HTML 8Page - Texas Instruments TLC04CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLC04/MF4A-50, TLC14/MF4A-100
BUTTERWORTH FOURTH-ORDER LOW-PASS
SWITCHED-CAPACITOR FILTERS
SLAS021A – NOVEMBER 1986 – REVISED MARCH 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range, VCC+ = 2.5 V,
VCC– = –2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC04/MF4A-50
TLC14/MF4A-100
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Maximum clock frequency, fmax
See Note 2
1.5
3
1.5
3
MHz
Clock-to-cutoff-frequency ratio (fclock/fco)
fclock ≤ 250 kHz, TA = 25°C
49.27
50.07
50.87
99
100
101
Hz/Hz
Temperature coefficient of clock-to-cutoff
frequency ratio
fclock ≤ 250 kHz
±25
±25
ppm/
°C
fco = 5 kHz,
f lk 250 kHz
f = 6 kHz
– 7.9
– 7.57
– 7.1
dB
Frequency response above and below
fclock = 250 kHz,
TA = 25°C
f = 4.5 kHz
– 1.7
– 1.46
– 1.3
dB
qy
cutoff frequency (see Note 5)
fco = 5 kHz,
f lk 250 kHz
f = 3 kHz
– 7.9
– 7.42
– 7.1
dB
fclock = 250 kHz,
TA = 25°C
f = 2.25 kHz
– 1.7
–1.51
– 1.3
dB
Dynamic range (see Note 6)
TA = 25°C
80
78
dB
Stop-band frequency attentuation at 2 fco
fclock ≤ 250 kHz
24
25
24
25
dB
Voltage amplification, dc
fclock ≤ 250 kHz, RS ≤ 2 kΩ
– 0.15
0
0.15
– 0.15
0
0.15
dB
Peak-to-peak clock feedthrough voltage
TA = 25°C
5
5
mV
† All typical values are at TA = 25°C.
NOTES:
2. Above 250 kHz, the input clock duty cycle should be 50% to allow the operational amplifiers the maximum time to settle while
processing analog samples.
5. The frequency responses at f are referenced to a dc gain of 0 dB.
6. The dynamic range is referenced to 1.06 V rms (1.5 V peak) where the wideband noise over a 30-kHz bandwidth is typically
106
µV rms for the TLC04/MF4A-50 and 135 µV rms for the TLC14/MF4A-100.
operating characteristics over recommended operating free-air temperature range, VCC+ = 5 V,
VCC– = –5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC04/MF4A-50
TLC14/MF4A-100
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Maximum clock frequency, fmax
See Note 2
2
4
2
4
MHz
Clock-to-cutoff-frequency ratio (fclock/fco)
fclock ≤ 250 kHz,
TA = 25°C
49.58
49.98
50.38
99
100
101
Hz/Hz
Temperature coefficient of clock-to-cutoff
frequency ratio
fclock ≤ 250 kHz
±15
±15
ppm/
°C
fco = 5 kHz,
f lk 250 kHz
f = 6 kHz
– 7.9
– 7.57
– 7.1
dB
Frequency response above and below
fclock = 250 kHz,
TA = 25°C
f = 4.5 kHz
– 1.7
– 1.44
– 1.3
dB
qy
cutoff frequency (see Note 5)
fco = 5 kHz,
f lk 250 kHz
f = 3 kHz
– 7.9
– 7.42
– 7.1
dB
fclock = 250 kHz,
TA = 25°C
f = 2.25 kHz
– 1.7
–1.51
– 1.3
dB
Dynamic range (see Note 6)
TA = 25°C
86
84
dB
Stop-band frequency attentuation at 2 fco
fclock ≤ 250 kHz
24
25
24
25
dB
Voltage amplification, dc
fclock ≤ 250 kHz,
RS
≤ 2 kΩ
– 0.15
0
0.15
– 0.15
0
0.15
dB
Peak-to-peak clock feedthrough voltage
TA = 25°C
7
7
mV
† All typical values are at TA = 25°C.
NOTES:
2. Above 250 kHz, the input clock duty cycle should be 50% to allow the operational amplifiers the maximum time to settle while
processing analog samples.
5. The frequency responses at f are referenced to a dc gain of 0 dB.
6. The dynamic range is referenced to 2.82 V rms (4 V peak) where the wideband noise over a 30-kHz bandwidth is typically 142
µV rms
for the TLC04/MF4A-50 and 178
µV rms for the TLC14/MF4A-100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com