Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC04CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC04CD
Description  BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC04CD Datasheet(HTML) 1 Page - Texas Instruments

  TLC04CD Datasheet HTML 1Page - Texas Instruments TLC04CD Datasheet HTML 2Page - Texas Instruments TLC04CD Datasheet HTML 3Page - Texas Instruments TLC04CD Datasheet HTML 4Page - Texas Instruments TLC04CD Datasheet HTML 5Page - Texas Instruments TLC04CD Datasheet HTML 6Page - Texas Instruments TLC04CD Datasheet HTML 7Page - Texas Instruments TLC04CD Datasheet HTML 8Page - Texas Instruments TLC04CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLC04/MF4A-50, TLC14/MF4A-100
BUTTERWORTH FOURTH-ORDER LOW-PASS
SWITCHED-CAPACITOR FILTERS
SLAS021A – NOVEMBER 1986 – REVISED MARCH 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Clock-to-Cutoff-Frequency Ratio Error
TLC04/MF4A-50...
±0.8%
TLC14/MF4A-100 . . .
±1%
D Filter Cutoff Frequency Dependent Only on
External-Clock Frequency Stability
D Minimum Filter Response Deviation Due to
External Component Variations Over Time
and Temperature
D Cutoff Frequency Range From 0.1 Hz
to 30 kHz, VCC± = ±2.5 V
D 5-V to 12-V Operation
D Self Clocking or TTL-Compatible and
CMOS-Compatible Clock Inputs
D Low Supply-Voltage Sensitivity
D Designed to be Interchangeable With
National MF4-50 and MF4-100
description
The TLC04/MF4A-50 and TLC14/MF4A-100 are monolithic Butterworth low-pass switched-capacitor filters.
Each is designed as a low-cost, easy-to-use device providing accurate fourth-order low-pass filter functions in
circuit design configurations.
Each filter features cutoff frequency stability that is dependent only on the external-clock frequency stability. The
cutoff frequency is clock tunable and has a clock-to-cutoff frequency ratio of 50:1 with less than
±0. 8% error
for the TLC04/MF4A-50 and a clock-to-cutoff frequency ratio of 100:1 with less than
±1% error for the
TLC14/MF4A-100. The input clock features self-clocking or TTL- or CMOS-compatible options in conjunction
with the level shift (LS) terminal.
The TLC04C/MF4A-50C and TLC14C/MF4A-100C are characterized for operation from 0
°C to 70°C. The
TLC04I/MF4A-50I and TLC14I/MF4A-100I are characterized for operation from – 40
°C to 85°C. The
TLC04M/MF4A-50M and TLC14M/MF4A-100M are characterized over the full military temperature range of
–55
°C to 125°C.
AVAILABLE OPTIONS
CLOCK TO CUTOFF
PACKAGE
TA
CLOCK-TO-CUTOFF
FREQUENCY RATIO
SMALL OUTLINE
PLASTIC DIP
FREQUENCY RATIO
(D)
(P)
0
°C to 70°C
50:1
100:1
TLC04CD/MF4A-50CD
TLC14CD/MF4A-100CD
TLC04CP/MF4A-50CP
TLC14CP/MF4A-100CP
–40
°C to 85°C
50:1
100:1
TLC04ID/MF4A-50ID
TLC14ID/MF4A-100ID
TLC04IP/MF4A-50IP
TLC14IP/MF4A-100IP
–55
°C to 125°C
50:1
100:1
TLC04MP/MF4A-50MP
TLC14MP/MF4A-100MP
The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLC04CDR/MF4A-50CDR).
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
CLKIN
CLKR
LS
VCC–
FILTER IN
VCC+
AGND
FILTER OUT
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TLC04CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC04CD TI-TLC04CD Datasheet
604Kb / 12P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04CD/MF4A-50CD TI1-TLC04CD/MF4A-50CD Datasheet
367Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04CDG4 TI1-TLC04CDG4 Datasheet
367Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04CDR TI1-TLC04CDR Datasheet
367Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results

Similar Description - TLC04CD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF6 NSC-MF6 Datasheet
861Kb / 20P
6th Order Switched Capacitor Butterworth Lowpass
logo
Texas Instruments
TLC04 TI-TLC04 Datasheet
604Kb / 12P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF6C NSC-MF6C Datasheet
627Kb / 18P
ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
logo
Texas Instruments
MF4A-50 TI-MF4A-50 Datasheet
604Kb / 12P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04IDRG4 TI-TLC04IDRG4 Datasheet
340Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04MF4A-50 TI1-TLC04MF4A-50 Datasheet
363Kb / 15P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04MF4A-50 TI1-TLC04MF4A-50_08 Datasheet
367Kb / 14P
BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com