Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC04CD Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC04CD
Description  BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC04CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC04CD Datasheet HTML 6Page - Texas Instruments TLC04CD Datasheet HTML 7Page - Texas Instruments TLC04CD Datasheet HTML 8Page - Texas Instruments TLC04CD Datasheet HTML 9Page - Texas Instruments TLC04CD Datasheet HTML 10Page - Texas Instruments TLC04CD Datasheet HTML 11Page - Texas Instruments TLC04CD Datasheet HTML 12Page - Texas Instruments TLC04CD Datasheet HTML 13Page - Texas Instruments TLC04CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TLC04/MF4A-50, TLC14/MF4A-100
BUTTERWORTH FOURTH-ORDER LOW-PASS
SWITCHED-CAPACITOR FILTERS
SLAS021A – NOVEMBER 1986 – REVISED MARCH 1995
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
C
R
10 k
Ω
10 k
Ω
10 V
4
VCC –
6
AGND
8
FILTER IN
FILTER
OUT
5
φ2
φ1
Butterworth
Fourth-Order
Low-Pass Filter
Nonoverlapping
Clock Generator
2
CLKR
1
CLKIN
3LS
VCC+
7
Level Shift
f
clock +
1
RC
In
V
CC
–V
IT–
V
CC
–V
IT
)
V
IT
)
V
IT–
For VCC = 10 V
fclock =
1
1.69 RC
See Note A
0.1
µF
NOTE A: AGND must be biased to midsupply.
Figure 7. Self Clocking Through Schmitt-Trigger Oscillator Single-Supply Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com