Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC04CD Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC04CD
Description  BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC04CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC04CD Datasheet HTML 2Page - Texas Instruments TLC04CD Datasheet HTML 3Page - Texas Instruments TLC04CD Datasheet HTML 4Page - Texas Instruments TLC04CD Datasheet HTML 5Page - Texas Instruments TLC04CD Datasheet HTML 6Page - Texas Instruments TLC04CD Datasheet HTML 7Page - Texas Instruments TLC04CD Datasheet HTML 8Page - Texas Instruments TLC04CD Datasheet HTML 9Page - Texas Instruments TLC04CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLC04/MF4A-50, TLC14/MF4A-100
BUTTERWORTH FOURTH-ORDER LOW-PASS
SWITCHED-CAPACITOR FILTERS
SLAS021A – NOVEMBER 1986 – REVISED MARCH 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Supply Voltage VCC+ Ripple Frequency – kHz
VCC – = – 5 V
Filter in at 0 V
fclock = 250 kHz
(0 to 40 kHz)
VCC+ = 5 V + 50-mV Sine Wave
0
– 10
– 20
– 30
– 40
– 50
– 60
40
35
30
25
20
15
10
5
0
FILTER OUTPUT
vs
SUPPLY VOLTAGE VCC+ RIPPLE FREQUENCY
Figure 1
0
5
10
15
20
25
30
35
40
0
VCC – = – 5 V + 50-mV Sine Wave
(0 to 40 kHz)
VCC+ = 5 V
Filter in at 0 V
fclock = 250 kHz
Supply Voltage VCC – Ripple Frequency – kHz
FILTER OUTPUT
vs
SUPPLY VOLTAGE VCC– RIPPLE FREQUENCY
– 10
– 20
– 30
– 40
– 50
– 60
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com