Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD080 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CD080
Description  POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD080 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CD080 Datasheet HTML 1Page - Sensata Technologies, Inc. CD080 Datasheet HTML 2Page - Sensata Technologies, Inc. CD080 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
Measurement range
0 up to 2000 mm
Output signal
1kΩ (other values on demand)
Resolution
Quasi infinite (depends on the operating system)
Material
Body and cover - aluminum (RohS)
Measuring cable - Stainless steel
Cable diameter
0,60 mm
Detection element
Precision potentiometer
Connection
Male connector M16 - DIN 3 pin
Male connector M12 - 4 pin
PVC cable - 4 wires
Standard linearity
+/- 0,15% f.s.
+/- 0,10% f.s. (optional)
Protection class
IP54 (option IP67)
Max. Velocity
10 m/s
Max. Acceleration
8 m/s2 (before cable deformation)
Weight
≈ 1500 g
Operating temperature
-20° to +80°C
Storage temperature
-30° to +80°C
| CD080
POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
SPECIFICATIONS
The CD080 Potentiometric is a Draw Wire sensor that utilizes a precision potentiometer output to indicate linear motion of the draw wire. Utilizing a spring
loaded rotary cable real with a stainless steel measuring cable and an aluminum enclosure, this sensor is well suited to the industrial environments that it
is intended for. Dimensions are approximately 160 X 120X 150 mm and weight is ~ 1500 g.
Features
• Range up to 2000 mm
• Standard linearity of 0.15%
• Connector and cable output options available
• IP54 rated with IP67 option
• Built-in cable cleaning brush option available
• Well suited for dusty, hot or wet environments


Similar Part No. - CD080

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CD080 SENSATA-CD080 Datasheet
224Kb / 3P
ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
CD080-MEC SENSATA-CD080-MEC Datasheet
249Kb / 3P
MECHANICAL DEVICES DRAW-WIRE - MEASUREMENT RANGE 0 UP TO 2500 MM
logo
List of Unclassifed Man...
CD0805 ETC1-CD0805 Datasheet
332Kb / 9P
Schottky Barrier Chip Diode Series - 0805
CD0805-B00340 ETC1-CD0805-B00340 Datasheet
332Kb / 9P
Schottky Barrier Chip Diode Series - 0805
CD0805-B0130 ETC1-CD0805-B0130 Datasheet
332Kb / 9P
Schottky Barrier Chip Diode Series - 0805
More results

Similar Description - CD080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
Tyco Electronics
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
TT Electronics.
CGH TTELEC-CGH Datasheet
304Kb / 3P
100K ohm to 2000 megohm range
logo
Amphenol Corporation
GRN6165 AMPHENOL-GRN6165 Datasheet
219Kb / 2P
Measurement range: 8.5% - 36.8%
logo
PHOENIX CONTACT
MICROFOX-SC PHOENIX-MICROFOX-SC Datasheet
48Kb / 2P
Diagonal cutter for Cu wire up to 1.5 mm diameter
logo
MICORO CRYSTAL SWITZERL...
VCXO2H MICROCRYSTAL-VCXO2H Datasheet
337Kb / 2P
family package 5횞3.2 mm T range up to 125째C 40MHz to 130MHz
logo
PUI audio inc.
SMI-1027-TW-12V-R PUIAUDIO-SMI-1027-TW-12V-R Datasheet
513Kb / 5P
7 to 15 VDC voltage range with low 30 mA current draw
logo
Hubbell Incorporated.
BISR30DBRK HUBBELL-BISR30DBRK Datasheet
267Kb / 2P
Multi Tap Connector, UNITAP,Wire Range:1/0 -3/0 AWG,Torque:220inlbs.
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com