Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA82C250 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA82C250
Description  CAN controller interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA82C250 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA82C250 Datasheet HTML 1Page - NXP Semiconductors PCA82C250 Datasheet HTML 2Page - NXP Semiconductors PCA82C250 Datasheet HTML 3Page - NXP Semiconductors PCA82C250 Datasheet HTML 4Page - NXP Semiconductors PCA82C250 Datasheet HTML 5Page - NXP Semiconductors PCA82C250 Datasheet HTML 6Page - NXP Semiconductors PCA82C250 Datasheet HTML 7Page - NXP Semiconductors PCA82C250 Datasheet HTML 8Page - NXP Semiconductors PCA82C250 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PCA89C250
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 06 — 25 August 2011
5 of 18
NXP Semiconductors
PCA82C250
CAN controller interface
10. Thermal characteristics
11. Characteristics
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
160
K/W
Table 8.
Characteristics
VCC = 4.5 to 5.5 V; Tamb = 40 to +125 C; RL =60 ; I8 > 10 A; unless otherwise specified; all voltages referenced to
ground (pin 2); positive input current; all parameters are guaranteed over the ambient temperature range by design, but only
100 % tested at +25
C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Supply
I3
supply current
dominant; V1 =1V
-
-
70
mA
recessive; V1 =4V; R8 =47k
--
14
mA
recessive; V1 =4V; V8 =1V
-
-
18
mA
Standby; Tamb <90 C
[1]
-
100
170
A
DC bus transmitter
VIH
HIGH-level input voltage
output recessive
0.7VCC
-VCC +0.3 V
VIL
LOW-level input voltage
output dominant
0.3
-
0.3VCC
V
IIH
HIGH-level input current
V1 =4V
200
-
+30
A
IIL
LOW-level input current
V1 =1V
100
-
600
A
V6,7
recessive bus voltage
V1 = 4 V; no load
2.0
-
3.0
V
ILO
off-state output leakage current
2V<(V
6,V7)<7V
2-
+1
mA
5V<(V
6,V7)<18 V
5-
+12
mA
V7
CANH output voltage
V1 =1V
2.75
-
4.5
V
V6
CANL output voltage
V1 = 1 V
0.5
-
2.25
V
V
6, 7
difference between output
voltage at pins 6 and 7
V1 = 1 V
1.5
-
3.0
V
V1 =1V; RL =45 ; VCC  4.9 V
1.5
-
-
V
V1 = 4 V; no load
500
-
+50
mV
Isc7
short-circuit CANH current
V7 = 5V; VCC  5V
-
-
105
mA
V7 = 5V; VCC =5.5 V
-
-
120
mA
Isc6
short-circuit CANL current
V6 = 18 V
-
-
160
mA
DC bus receiver: V1 = 4 V; pins 6 and 7 externally driven; 2V<(V6, V7) < 7 V; unless otherwise specified
Vdiff(r)
differential input voltage
(recessive)
1.0
-
+0.5
V
7V<(V
6, V7)<12 V;
not Standby mode
1.0
-
+0.4
V
Vdiff(d)
differential input voltage
(dominant)
0.9
-
5.0
V
7V<(V
6, V7)<12 V;
not Standby mode
1.0
-
5.0
V
Vdiff(hys)
differential input hysteresis
see Figure 5
-150
-
mV
VOH
HIGH-level output voltage
pin 4; I4 = 100 A0.8VCC
-VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com