Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA82C250 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA82C250
Description  CAN controller interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA82C250 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA82C250 Datasheet HTML 4Page - NXP Semiconductors PCA82C250 Datasheet HTML 5Page - NXP Semiconductors PCA82C250 Datasheet HTML 6Page - NXP Semiconductors PCA82C250 Datasheet HTML 7Page - NXP Semiconductors PCA82C250 Datasheet HTML 8Page - NXP Semiconductors PCA82C250 Datasheet HTML 9Page - NXP Semiconductors PCA82C250 Datasheet HTML 10Page - NXP Semiconductors PCA82C250 Datasheet HTML 11Page - NXP Semiconductors PCA82C250 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PCA89C250
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 06 — 25 August 2011
8 of 18
NXP Semiconductors
PCA82C250
CAN controller interface
V1 =1V.
Fig 6.
Timing diagram for wake-up from Standby.
V1 =4V; V8 =4V.
Fig 7.
Timing diagram for bus dominant to RXD LOW.
The waveforms of the applied transients shall be in accordance with “ISO 7637 part 1”, test pulses
1, 2, 3a and 3b.
Fig 8.
Test circuit for automotive transients.
mka674
tWAKE
VRs
VRXD
VCC
0 V
mka675
tdRXDL
1.5 V
0 V
Vdiff
VRXD
015aaa246
PCA82C250
RXD
Vref
TXD
CANH
CANL
GND
VCC
SCHAFFNER
GENERATOR
60 Ω
+5 V
Rext
Rs
1 nF
1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com