Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA82C250 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA82C250
Description  CAN controller interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA82C250 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA82C250 Datasheet HTML 2Page - NXP Semiconductors PCA82C250 Datasheet HTML 3Page - NXP Semiconductors PCA82C250 Datasheet HTML 4Page - NXP Semiconductors PCA82C250 Datasheet HTML 5Page - NXP Semiconductors PCA82C250 Datasheet HTML 6Page - NXP Semiconductors PCA82C250 Datasheet HTML 7Page - NXP Semiconductors PCA82C250 Datasheet HTML 8Page - NXP Semiconductors PCA82C250 Datasheet HTML 9Page - NXP Semiconductors PCA82C250 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PCA89C250
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 06 — 25 August 2011
6 of 18
NXP Semiconductors
PCA82C250
CAN controller interface
[1]
I1 =I4 =I5 =0mA; 0V<V6 <VCC; 0 V < V7 <VCC; V8 =VCC.
VOL
LOW-level output voltage
pin 4; I4 = 1 mA
0
-
0.2VCC
V
I4 =10mA
0
-
1.5
V
Ri
input resistance
CANH, CANL
5
-
25
k
Rdiff
differential input resistance
20
-
100
k
Ci
input capacitance
CANH, CANL
-
-
20
pF
Cdiff
differential input capacitance
-
-
10
pF
Reference output
Vref
reference output voltage
V8 =1V; 50 A<I5 <50 A
0.45VCC -
0.55VCC
V
V8 =4V; 5 A<I5 <5 A0.4VCC
-0.6VCC
V
Timing (CL = 100 pF; see Figure 3, Figure 4, Figure 6 and Figure 7)
tbit
minimum bit time
Rext =0 
--
1
s
tonTXD
delay TXD to bus active
Rext =0 
-
-
50
ns
toffTXD
delay TXD to bus inactive
Rext =0 
-40
80
ns
tonRXD
delay TXD to receiver active
Rext =0 
-
55
120
ns
toffRXD
delay TXD to receiver inactive
Rext =0 ; VCC <5.1 V; Tamb <+85 C
-
82
150
ns
Rext =0 ; VCC <5.1 V; Tamb <+125 C
-
82
170
ns
Rext =0 ; VCC <5.5 V; Tamb <+85 C
-
90
170
ns
Rext =0 ; VCC <5.5 V; Tamb <+125 C
-
90
190
ns
tonRXD
delay TXD to receiver active
Rext =47k
-
390
520
ns
Rext =24k
-
260
320
ns
toffRXD
delay TXD to receiver inactive
Rext =47k
-
260
450
ns
Rext =24k
-
210
320
ns
SR
differential output voltage
slew rate
Rext =47k
-14
-
V/
s
tWAKE
wake-up time from Standby
via pin 8
-
-
20
s
tdRXDL
bus dominant to RXD LOW
V8 = 4 V; Standby mode
-
-
3
s
Standby/Slope Control (pin 8)
V8
input voltage for high-speed
-
-
0.3VCC
V
I8
input current for high-speed
V8 =0V
-
-
500
A
Vstb
input voltage for Standby mode
0.75VCC --
V
Islope
slope control mode current
10
-
200
A
Vslope
slope control mode voltage
0.4VCC
-0.6VCC
V
Table 8.
Characteristics …continued
VCC = 4.5 to 5.5 V; Tamb = 40 to +125 C; RL =60 ; I8 > 10 A; unless otherwise specified; all voltages referenced to
ground (pin 2); positive input current; all parameters are guaranteed over the ambient temperature range by design, but only
100 % tested at +25
C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com