Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA82C250 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA82C250
Description  CAN controller interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA82C250 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA82C250 Datasheet HTML 3Page - NXP Semiconductors PCA82C250 Datasheet HTML 4Page - NXP Semiconductors PCA82C250 Datasheet HTML 5Page - NXP Semiconductors PCA82C250 Datasheet HTML 6Page - NXP Semiconductors PCA82C250 Datasheet HTML 7Page - NXP Semiconductors PCA82C250 Datasheet HTML 8Page - NXP Semiconductors PCA82C250 Datasheet HTML 9Page - NXP Semiconductors PCA82C250 Datasheet HTML 10Page - NXP Semiconductors PCA82C250 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PCA89C250
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 06 — 25 August 2011
7 of 18
NXP Semiconductors
PCA82C250
CAN controller interface
Fig 3.
Test circuit for dynamic characteristics.
Fig 4.
Timing diagram for dynamic characteristics.
Fig 5.
Hysteresis.
015aaa208
30 pF
100 pF
60 Ω
100 nF
+5 V
PCA82C250
RXD
Vref
TXD
CANH
CANL
GND
VCC
Rext
Rs
mka672
toffTXD
toffRXD
tonTXD
VRXD
Vdiff
VTXD
tonRXD
0.3VCC
0.9 V
0.5 V
0.7VCC
VCC
0 V
mka673
hysteresis
VRXD
HIGH
LOW
0.5 V
0.9 V
Vdiff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com