Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ZSC Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ZSC
Description  Axial Lead Battery Strap PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZSC Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ZSC Datasheet HTML 1Page - Bel Fuse Inc. 0ZSC Datasheet HTML 2Page - Bel Fuse Inc. 0ZSC Datasheet HTML 3Page - Bel Fuse Inc. 0ZSC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0ZSC Series
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ZSC Dec2023
PTC’s – Basic Theory of Operation / “Tripped” Resistance Explanation
Fundamentally, a Bel PTC consists of a block of polymeric material containing conductive filler and bonded
between two conductive, planar terminations.
At currents below the device IHOLD rating, AND at temperatures below 100C, the PTC maintains a
resistance value below its R1 MAX rating.
As the device's temperature approaches 130C, either due to an increase in ambient temperature or a
current exceeding its I TRIP rating, volumetric expansion of the filled polymer breaks apart the majority of
conductive pathways across the terminals created by chain contact of adjacent filler particles or device
resistance increases sharply by several orders of magnitude.
At the much higher “Tripped” resistance, there is just enough leakage current to allow internal heating to
“hold” the device in its tripped state (around 125C) until power is interrupted. Once power is removed, the
PTC's core cools and contracts allowing conductive chains to reform and return the device to its low
resistance state.
The catalog data for each device specifies a "Typical Power" value. This is the power required to exactly
match the heat lost by the tripped device to its ambient surroundings at 23C. By Ohm's Law, power can be
stated as: W = E^2/R. Thus the approximate r
esistance of a “Tripped” PTC can be determined by: R =
E^2/W, where "E" is the voltage appearing across the PTC (usually the supply's open circuit voltage), and
"W" is the Typical Power value for the particular PTC.
Since the PPTC acts to maintain a constant internal temperature, its apparent resistance will change based
upon applied voltage and, to a lesser degree, ambient conditions. Consider the following example....
A PTC with a Typical Power of 1 watt protecting a circuit using a 60V supply will demonstrate an apparent,
tripped resistance "R" of:
R = 60^2/1 = 3,600 ohms
This same tripped device when used to protect a 12V circuit would now present an apparent resistance of:
R = 12^2/1 = 144 ohms
The value for Typical Power is "typical" because any physical factors that affect heat loss (such as ambient
temperature or air convection) will somewhat alter the level of power that the PTC needs to maintain its
internal temperature. In short, PTCs do not exhibit a constant, quantifiable tripped resistance value.
Average Time Current Characteristic Curve at 23°C
The Average Time Current Characteristic Curve and Temperature Rerating Curve are affected by a number of variables and these curves are
provided for guidance only.
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com