Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ZSC Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ZSC
Description  Axial Lead Battery Strap PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZSC Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ZSC Datasheet HTML 1Page - Bel Fuse Inc. 0ZSC Datasheet HTML 2Page - Bel Fuse Inc. 0ZSC Datasheet HTML 3Page - Bel Fuse Inc. 0ZSC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Axial Lead Battery Strap PTC
0ZSC Series
belfuse.com/circuit-protection
0ZSC Series
RoHS Compliant
Application
Rechargeable battery packs, Lithium cell and battery packs
Product Features
Low profile, Low resistance, High hold current, Solid state
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
Operating (Hold Current) Range
1.9A - 7.3A
Maximum Voltage
20VDC
Temperature Range
-40
℃ to 85℃
Agency Approval
TUV (Std. EN62319-1-1, Cert. R50102187)
UL Recognized Component (Std. UL1434, File E305051)
UL Conditions of Acceptability:
1. These devices have been investigated for use in safety circuits and are suitable
as a limiting device.
2. These devices have been calibrated to limit the current to 8 amps within 5
seconds, per ANSI/NFPA 70, “National Electrical Code”.
LEAD FREE =
HALOGEN FREE =
Electrical Characteristics (23
℃)
Part Number
(Bulk)
Hold
Current
Trip
Current
Max Time to
Trip @ 5xIH
Rated
Voltage
Max
Current
Typical
Power
Resistance Tolerance
Agency Approvals
Rmin
Rmax
R1max
IH, A
IT, A
Seconds
Vmax, Vdc Imax, A
Pd, W
Ohms
Ohms
Ohms
A 0ZSC0190FF1E
1.9
3.9
5.0
20
100
1.2
0.039
0.072
0.102
Y
Y
B 0ZSC0260FF1E
2.6
5.8
5.0
20
100
2.5
0.020
0.042
0.063
Y
Y
C 0ZSC0380FF1E
3.8
8.3
5.0
20
100
2.5
0.013
0.026
0.037
Y
Y
D 0ZSC0450FF1E
4.5
8.9
5.0
20
100
2.5
0.011
0.020
0.028
Y
Y
E 0ZSC0550FF1E
5.5
10.5
5.0
20
100
2.8
0.009
0.016
0.022
Y
Y
F 0ZSC0600FF1E
6.0
11.7
5.0
20
100
2.8
0.007
0.014
0.019
Y
Y
G 0ZSC0730FF1E
7.3
14.1
5.0
20
100
3.3
0.006
0.012
0.015
Y
Y
IH
Hold Current-maximum current at which the device will not trip in still air at 23℃.
IT
Trip current-minimum current at which the device will always trip in still air at 23℃.
Imax
Maximum fault current device can withstand without damage at rated voltage (Vmax).
Vmax
Maximum voltage device can withstand without damage at its rated current.
Pd
Typical power dissipated by device when in tripped state in 23℃ still air environment.
Rmin
Minimum device resistance at 23℃.
Rmax
Maximum device resistance at 23℃.
R1max Maximum device resistance at 23℃, 1 hour after initial device trip, or after being soldered to PCB in end application.
Specifications subject to change without notice


Similar Part No. - 0ZSC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZSC0190FF1E BEL-0ZSC0190FF1E Datasheet
502Kb / 4P
Axial Lead Battery Strap PTC
0ZSC0260FF1E BEL-0ZSC0260FF1E Datasheet
502Kb / 4P
Axial Lead Battery Strap PTC
0ZSC0380FF1E BEL-0ZSC0380FF1E Datasheet
502Kb / 4P
Axial Lead Battery Strap PTC
0ZSC0450FF1E BEL-0ZSC0450FF1E Datasheet
502Kb / 4P
Axial Lead Battery Strap PTC
0ZSC0550FF1E BEL-0ZSC0550FF1E Datasheet
502Kb / 4P
Axial Lead Battery Strap PTC
More results

Similar Description - 0ZSC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
logo
Socay Electornics Co., ...
JK-P070 SOCAY-JK-P070 Datasheet
315Kb / 4P
Axial Lead Battery Strap Type Resettable Polymer PTCs
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
CHO-STRAP INSULATED GROUND STRAP
logo
Schurter Inc.
PFLR SCHURTER-PFLR Datasheet
115Kb / 2P
Axial leaded PTC-Fuses
PFLT SCHURTER-PFLT Datasheet
96Kb / 2P
Axial leaded PTC-Fuses
PFST SCHURTER-PFST Datasheet
103Kb / 2P
Axial leaded PTC-Fuses
PFVS SCHURTER-PFVS Datasheet
120Kb / 2P
Axial leaded PTC-Fuses
logo
Bel Fuse Inc.
0ZSA0120FF1E BEL-0ZSA0120FF1E Datasheet
475Kb / 4P
Axial Lead Battery Strap PTC
0ZSC0190FF1E BEL-0ZSC0190FF1E Datasheet
502Kb / 4P
Axial Lead Battery Strap PTC
logo
Littelfuse
LR4-970F LITTELFUSE-LR4-970F Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com