Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ZSC Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0ZSC
Description  Axial Lead Battery Strap PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZSC Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0ZSC Datasheet HTML 1Page - Bel Fuse Inc. 0ZSC Datasheet HTML 2Page - Bel Fuse Inc. 0ZSC Datasheet HTML 3Page - Bel Fuse Inc. 0ZSC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 0ZSC Series
3 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ZSC Dec2023
Physical Specifications
Lead material:
0.13mm nominal thickness, quarter-hard nickel. size / diameter as shown in Drawings and Table under Product
Dimensions.
Insulating material:
Polyester tape
PTC Marking
“bel” or “b”, IH code and “SC” .
Product Dimensions
All dimensions in mm.
Temperature Derating Table
Temperature Derating
I Hold Value
-40
-20
0
23
30
40
50
60
70
85
0ZSC
142%
129%
115%
100%
94%
85%
76%
67%
58%
44%
Thermal Derating Curve
Cautionary Notes
1. Operation beyond the specified maximum ratings
or improper use may result in damage and
possible electrical arcing and/or flame.
2. These Polymer PTC (PPTC) devices are intended
for protection against occasional
overcurrent/overtemperature fault conditions and
may not be suitable for use in applications where
repeated and/or prolonged fault conditions are
anticipated.
3. Avoid contact of PTC device with chemical
solvent. Prolonged contact may adversely impact
the PTC performance.
4. These PTC devices may not be suitable for use in
circuits with a large inductance, as the PTC trip
can generate circuit voltage spikes above the PTC
rated voltage.
5. These devices are intended for use in DC voltage
applications only. Use in AC voltage applications
should be first discussed with Bel Fuse
engineering.
6. Not recommended for use on potted or conformal
coated PCB’s. Restriction of free air flow could
affect electrical performance and/or result in
device failure. Consult Bel Fuse engineering.
Part Number
A
B
C
D
F
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
0ZSC0190FF
19.9
22.1
4.9
5.5
0.6
1.0
5.5
7.5
3.9
4.1
0ZSC0260FF
20.9
23.1
4.9
5.5
0.6
1.0
4.1
5.5
3.9
4.1
0ZSC0380FF
24.0
26.0
6.9
7.5
0.6
1.0
4.1
5.5
4.9
5.1
0ZSC0450FF
24.0
26.0
9.9
10.5
0.6
1.0
5.3
6.7
5.9
6.1
0ZSC0550FF
35.0
37.0
6.9
7.5
0.6
1.0
5.3
6.7
4.9
5.1
0ZSC0600FF
24.0
26.0
13.9
14.5
0.6
1.0
4.1
5.5
5.9
6.1
0ZSC0730FF
27.1
29.1
13.9
14.5
0.6
1.0
4.1
5.5
5.9
6.1
Specifications subject to change without notice
0%
20%
40%
60%
80%
100%
120%
140%
160%
-40
-20
0
20
40
60
80
Temperature(°
C)
Temperature Rerating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com