Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ZSC Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0ZSC
Description  Axial Lead Battery Strap PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZSC Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0ZSC Datasheet HTML 1Page - Bel Fuse Inc. 0ZSC Datasheet HTML 2Page - Bel Fuse Inc. 0ZSC Datasheet HTML 3Page - Bel Fuse Inc. 0ZSC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 0ZSC Series
4 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ZSC Dec2023
Installation Guidelines
•
Due to the fact that PPTC devices operate by thermal expansion of the conductive polymer, it is
imperative that designs allow enough space over the life of the product to accommodate the expansion. If
the device is used in designs that do not account for the expansion or if the device is placed under
pressure, the device cannot be relied on to properly protect against damage caused by fault conditions.
•
Bending, twisting, or leaving the PPTC device in tensile conditions will lessen the PPTC device’s ability
to protect against damage caused by electrical faults. The PPTC device should experience no force after
installation. Any mechanical damage to the PPTC device can affect the performance and should therefore
be avoided.
•
Avoid contact of PPTC device with chemical solvent, including some inert material such as silicone
based oil, lubricant, grease, cleaning agents, and etc. Prolonged contact will damage the device
performance.
•
Strap type PPTC devices are designed to be welded to battery cells or to pack interconnect straps.
Weld placements should be a minimum of 2mm from the edge of the PPTC device, and no weld splatter
should come in contact with the PPTC device. In addition, welding temperatures should not exceed the
maximum operation temperature of the PPTC device.
•
Strap type PPTC devices are not designed for reflow installation like flex circuits or rigid circuit boards.
•
The tape used on strap type PPTC devices is not designed as an electrical insulator, its use is merely
for identification and marking.
P/N Explanation and Ordering Information
Standard Packaging
Packaging Option
Packaging Quantity
Packaging Code
Bulk
3000
1E
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com