Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPWR Datasheet(PDF) 18 Page - Texas Instruments

Part # AMC80AIPWR
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80AIPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC80AIPWR Datasheet HTML 14Page - Texas Instruments AMC80AIPWR Datasheet HTML 15Page - Texas Instruments AMC80AIPWR Datasheet HTML 16Page - Texas Instruments AMC80AIPWR Datasheet HTML 17Page - Texas Instruments AMC80AIPWR Datasheet HTML 18Page - Texas Instruments AMC80AIPWR Datasheet HTML 19Page - Texas Instruments AMC80AIPWR Datasheet HTML 20Page - Texas Instruments AMC80AIPWR Datasheet HTML 21Page - Texas Instruments AMC80AIPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AMC80
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
www.ti.com
7.5.5 OS Configuration/Temperature Resolution Register
Table 9. OS Configuration/Temperature Resolution Register (Address = 06h, Default = x1h; see Table 2)
BIT
NAME
TYPE
DESCRIPTION
0
OS Status
Read
This bit mirrors the state of the RST_OUT/OS pin when in OS mode.
1
OS Polarity
R/W
'1' selects OS to be active-high '0' selects OS to be active-low.
2
OS Mode Select
R/W
'1' selects One-Time-Interrupt mode; '0' selects Comparator mode.
Temperature
'1' selects 11-bit plus sign resolution temperature conversion; '0' selects the default 8-bit plus
3
R/W
Resolution Control
sign resolution temperature conversion.
4
Temp3
R/W
5
Temp2
R/W
The lower four LSBs of the 11-bit plus sign temperature data. For 8-bit plus sign temperature
data, bit 7 is the LSB and bits 4 to 6 are undefined.
6
Temp1
R/W
7
Temp0
R/W
7.5.6 Conversion Rate Register
Table 10. Conversion Rate Register (Address = 07h, Default = 40h)
BIT
NAME
TYPE
DESCRIPTION
Controls conversion rate:
'0' = Programmable conversion rate by the following formula:
Monitoring delay = (ms) = 1.42 × (8 × N + 6)
0
CR1
R/W
where N can be set by bits 7:0 in the Conversion Rate Count Register (address 0Bh).
'1' = Continuous conversion.
1
Reserved
R/W
'0' must be written to this bit.
2
Reserved
R/W
'0' must be written to this bit.
3
Reserved
R/W
'0' must be written to this bit.
4
Reserved
R/W
'0' must be written to this bit.
5
Reserved
R/W
'0' must be written to this bit.
6
Reserved
R/W
'0' must be written to this bit.
7
Reserved
R/W
'0' must be written to this bit.
7.5.7 Voltage/Temperature Channel Disable Register
Table 11. Voltage/Temperature Channel Disable Register (Address = 08h, Default = 00h)
BIT
NAME
TYPE
DESCRIPTION
0
CH0
R/W
'1' disables conversions and suppresses error events; Value RAM Register reads '0' for CH0.
1
CH1
R/W
'1' disables conversions and suppresses error events; Value RAM Register reads '0' for CH1.
2
CH2
R/W
'1' disables conversions and suppresses error events; Value RAM Register reads '0' for CH2.
3
CH3
R/W
'1' disables conversions and suppresses error events; Value RAM Register reads '0' for CH3.
4
CH4
R/W
'1' disables conversions and suppresses error events; Value RAM Register reads '0' for CH4.
5
CH5
R/W
'1' disables conversions and suppresses error events; Value RAM Register reads '0' for CH5.
6
CH6
R/W
'1' disables conversions and suppresses error events; Value RAM Register reads '0' for CH6.
'1' disables conversions and suppresses error events; Value RAM Register reads '0' for
7
Temp
R/W
temperature.
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com