Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC80AIPWR
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80AIPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC80AIPWR Datasheet HTML 6Page - Texas Instruments AMC80AIPWR Datasheet HTML 7Page - Texas Instruments AMC80AIPWR Datasheet HTML 8Page - Texas Instruments AMC80AIPWR Datasheet HTML 9Page - Texas Instruments AMC80AIPWR Datasheet HTML 10Page - Texas Instruments AMC80AIPWR Datasheet HTML 11Page - Texas Instruments AMC80AIPWR Datasheet HTML 12Page - Texas Instruments AMC80AIPWR Datasheet HTML 13Page - Texas Instruments AMC80AIPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Temperature
Sensor
IN0
Addr=20h
Interrupt
Masking
and
Interrupt
Control
InterfaceandControl
AMC80
CH0
CH6
Analog
Inputs
GPI(CI)
INT_IN
BTI
A0/TEST_OUT
SDA
SCL
A1
A2
CH1
CH2
CH3
CH4
CH5
INT
RST_OUTOS
/
Interrupt
Outputs
Serial
Bus
Interface
10-Bit
Delta-Sigma
ADC
FanSpeed
Counter
FAN1
FAN2
NTEST_INRESET_IN
/
Digital
Inputs
and
Outputs
Interrupt
Status
Registers
ValueRAM
IN1
Addr=21h
IN2
Addr=22h
IN3
Addr=23h
IN4
Addr=24h
IN5
Addr=25h
IN6
Addr=26h
Temperature
Addr=27h
Fan1
Addr=28h
Fan2
Addr=29h
UpperLimit
LowerLimit
Watchdog
UpperLimit
LowerLimit
UpperLimit
LowerLimit
UpperLimit
LowerLimit
UpperLimit
LowerLimit
UpperLimit
LowerLimit
UpperLimit
LowerLimit
OS
Hysteresis
UpperLimit
UpperLimit
Hot
Hysteresis
Fan
Tachometer
PulseInputs
GPO
AMC80
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The AMC80 provides seven analog inputs, a temperature sensor, a delta-sigma analog-to-digital converter
(ADC), and a variety of inputs and outputs on a single chip. A two-wire SMBus interface is also provided. The
AMC80 can continuously perform power-supply, temperature, and fan monitoring for a variety of applications.
The AMC80 is fully pin- and software-compatible with the LM96080 and LM80.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Block Level Description
The AMC80 continuously converts analog inputs to 10-bit resolution using a 2.5-mV least significant bit (LSB)
with a default input range of 0 V to 2.56 V, or a 6-mV LSB with a programmable input range of 0 V to V+. The
analog inputs (CH0 to CH6) are intended for connection to the several power supplies present in any typical
system. Temperature can be converted to a 9-bit or 12-bit resolution with either 0.5°C or 0.0625°C LSB,
respectively. The FAN1 and FAN2 inputs can be programmed to accept either a fan failure indicator or
tachometer signals. Fan failure signals can be programmed to be either active high or active low. Fan inputs
measure the period of tachometer pulses from the the fans, providing a higher count for lower fan speeds. The
fan inputs are digital inputs with transition levels according to the Digital Inputs section of the Electrical
Characteristics table. Full-scale fan counts are 255 (8-bit counter), which represent a stopped or very slow fan.
Nominal speeds, based on a count of 153, are programmable from 1100 RPM to 8800 RPM. Signal conditioning
circuitry is included to accommodate slow rise and fall times.
The AMC80 provides a number of internal registers:
•
Configuration Register: Provides control and configuration.
•
Interrupt Status Registers: Two registers that provide the status of each interrupt alarm.
•
Interrupt Mask Registers: Allows masking of individual interrupt sources, as well as separate masking for
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com