Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC80AIPWR
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80AIPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC80AIPWR Datasheet HTML 3Page - Texas Instruments AMC80AIPWR Datasheet HTML 4Page - Texas Instruments AMC80AIPWR Datasheet HTML 5Page - Texas Instruments AMC80AIPWR Datasheet HTML 6Page - Texas Instruments AMC80AIPWR Datasheet HTML 7Page - Texas Instruments AMC80AIPWR Datasheet HTML 8Page - Texas Instruments AMC80AIPWR Datasheet HTML 9Page - Texas Instruments AMC80AIPWR Datasheet HTML 10Page - Texas Instruments AMC80AIPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AMC80
www.ti.com
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
At TA –40°C to +125°C and V+ = 3 V to 5.5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FAN RPM-TO-DIGITAL CONVERTER
FANERR
Fan RPM error
–10%
10%
fCLK
Internal clock frequency
20.2
22.5
24.8
kHz
Divisor = 1, fan count = 153
8800
Divisor = 2, fan count = 153
4400
FANRPM
FAN1 and FAN2 nominal input RPM
RPM
Divisor = 3, fan count = 153
2200
Divisor = 4, fan count = 153
1100
FSC
Full-scale count
255
Counts
POWER SUPPLY
V+
Specified voltage range
3
5.5
V
V+ = 5.5 V
100
IQA
Quiescent current, average
µA
V+ = 3.8 V
25
V+ = 5.5 V
100
IQSD
Quiescent current, shutdown mode
µA
V+ = 3.8 V
25
TEMPERATURE
TA
Specified range
-40
125
°C
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com