Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80AIPWR Datasheet(PDF) 19 Page - Texas Instruments

Part # AMC80AIPWR
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80AIPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC80AIPWR Datasheet HTML 15Page - Texas Instruments AMC80AIPWR Datasheet HTML 16Page - Texas Instruments AMC80AIPWR Datasheet HTML 17Page - Texas Instruments AMC80AIPWR Datasheet HTML 18Page - Texas Instruments AMC80AIPWR Datasheet HTML 19Page - Texas Instruments AMC80AIPWR Datasheet HTML 20Page - Texas Instruments AMC80AIPWR Datasheet HTML 21Page - Texas Instruments AMC80AIPWR Datasheet HTML 22Page - Texas Instruments AMC80AIPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
AMC80
www.ti.com
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
7.5.8 Input Mode Register
Table 12. Input Mode Register (Address = 09h, Default = 00h)
BIT
NAME
TYPE
DESCRIPTION
When set to '1', CH0 and CH1 operate as a differential input.
0
Diff01
R/W
When set to '0', CH0 and CH1 operate as 2 single-ended inputs.
When bit 0 = '1', CH0 and CH1 differential inputs are setup in normal polarity mode when
1
Pol01
R/W
this bit is set to '1', and in reverse polarity mode when this bit is set to '0'.
When bit 0 is set to “0”, this bit is ignored.
When set to '1', CH2 and CH3 operate as a differential input.
2
Diff23
R/W
When set to '0', CH2 and CH3 operate as 2 single-ended inputs.
When bit 0 = '1', CH2 and CH3 differential inputs are setup in normal polarity mode when
3
Pol23
R/W
this bit is set to '1', and in reverse polarity mode when this bit is set to '0'.
When bit 0 is set to “0”, this bit is ignored.
When set to '1', CH4 and CH5 operate as a differential input.
4
Diff45
R/W
When set to '0', CH4 and CH5 operate as 2 single-ended inputs.
When bit 0 = '1', CH4 and CH5 differential inputs are setup in normal polarity mode when
5
Pol45
R/W
this bit is set to '1', and in reverse polarity mode when this bit is set to '0'.
When bit 0 is set to “0”, this bit is ignored.
6
Reserved
R/W
'0' must be written to this bit.
7
Reserved
R/W
'0' must be written to this bit.
7.5.9 ADC Control Register
Table 13. ADC Control Register (Address = 0Ah, Default = 02h)
BIT
NAME
TYPE
DESCRIPTION
0
DR2
R/W
The 10-bit ADC conversion rate for the analog inputs is set as follows:
000 = 0.512 kHz
1
DR1
R/W
001 = 1 kHz
010 = 1.98 kHz
011 = 3.6 kHz
100 = 6.3 kHz
2
DR0
R/W
101 = 9.8 kHz
110 = 13.15 kHz
111 = 13.15 kHz
3
PGA2
R/W
The full-scale analog input range is set as follows:
000 = 2.56 V
4
PGA1
R/W
001 = VDD
010 = 4.096 V or VDD (whichever is less)
011 = 2.048 V
100 = 1.024 V
5
PGA0
R/W
101 = 0.512 V
110 = 0.256 V
111 = 0.256 V
6
Reserved
R/W
'0' must be written to this bit.
7
Reserved
R/W
'0' must be written to this bit.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com