Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6924D_07 Datasheet HTML 21Page - STMicroelectronics L6924D_07 Datasheet HTML 22Page - STMicroelectronics L6924D_07 Datasheet HTML 23Page - STMicroelectronics L6924D_07 Datasheet HTML 24Page - STMicroelectronics L6924D_07 Datasheet HTML 25Page - STMicroelectronics L6924D_07 Datasheet HTML 26Page - STMicroelectronics L6924D_07 Datasheet HTML 27Page - STMicroelectronics L6924D_07 Datasheet HTML 28Page - STMicroelectronics L6924D_07 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
L6924D
Application information: monitoring and protection
25/38
8.1
NTC thermistor
The device allows designers to monitor the battery temperature by measuring the voltage
across an NTC or PTC resistor. Li-Ion batteries have a narrow range of operating temperature,
usually from 0°C to 50°C. This window is programmable by an external divider which is
comprised of an NTC thermistor connected to GND and a resistor connected to VREF. When
the voltage on the TH pin exceeds the minimum or maximum voltage threshold (internal
window comparator), the device stops the charge process, and indicates a fault condition
through the status pin.
When the voltage (and thus, the temperature), returns to the window range, the device re-starts
the charging process. Moreover, there is a hysteresis for both the upper and lower thresholds,
as shown in Figure 20
Note:
TBAT = OK when the Battery temperature between 0°C and 50°C
Figure 19. Battery temperature control flow chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com