Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6924D_07 Datasheet HTML 30Page - STMicroelectronics L6924D_07 Datasheet HTML 31Page - STMicroelectronics L6924D_07 Datasheet HTML 32Page - STMicroelectronics L6924D_07 Datasheet HTML 33Page - STMicroelectronics L6924D_07 Datasheet HTML 34Page - STMicroelectronics L6924D_07 Datasheet HTML 35Page - STMicroelectronics L6924D_07 Datasheet HTML 36Page - STMicroelectronics L6924D_07 Datasheet HTML 37Page - STMicroelectronics L6924D_07 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Package mechanical data
L6924D
36/38
Table 8.
VFQFPN16 (3mm x 3mm) mechanical data
Dimensions
Dim.
mm.
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.800
0.900
1.000
0.031
0.035
0.039
A1
0.020
0.050
0.001
0.002
A2
0.650
1.000
0.025
0.039
A3
0.250
0.010
b
0.180
0.230
0.300
0.007
0.010
0.012
D
2.875
3.000
3.125
0.113
0.120
0.123
D2
0.250
0.700
1.250
0.009
0.027
0.050
E
2.875
3.000
3.125
0.113
0.118
0.123
E2
0.250
0.700
1.250
0.009
0.027
0.049
e
0.450
0.500
0.550
0.017
0.019
0.021
L
0.300
0.400
0.500
0.011
0.015
0.019
ddd
0.080
0.003
Figure 29. Package dimensions
E
A
A1
e
K
E2
b
r
D2
K
L
A3
D
This drawing is not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com