Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6924D_07 Datasheet HTML 25Page - STMicroelectronics L6924D_07 Datasheet HTML 26Page - STMicroelectronics L6924D_07 Datasheet HTML 27Page - STMicroelectronics L6924D_07 Datasheet HTML 28Page - STMicroelectronics L6924D_07 Datasheet HTML 29Page - STMicroelectronics L6924D_07 Datasheet HTML 30Page - STMicroelectronics L6924D_07 Datasheet HTML 31Page - STMicroelectronics L6924D_07 Datasheet HTML 32Page - STMicroelectronics L6924D_07 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
L6924D
Application information: monitoring and protection
29/38
8.3
Status pins
To indicate various charger status conditions, there are two open-collector output pins, ST1 and
ST2. These status pins can be used either to drive status LEDs, connected with an external
power source, by a resistor, or to communicate to a host processor. These pins must never be
connected to the VIN when it overcomes their absolute value (6V).
8.4
Shutdown
The L6924D has a shutdown pin; when the pin is connected to GND, the device is operating.
When the pin is left floating, the device enters in shutdown mode, the consumption from the
input is dramatically reduced to 60
µA (typ.). In this condition, V
REF is turned OFF.
Figure 23. ST1 and ST2 connection with LEDs Or
µC
Table 6.
Status LEDs Indications
Charge condition
Description
ST1
ST2
Charge in progress
When the device is in Pre-Charge or fast-
Charge status
ON
OFF
Charge done
When the charging current goes lower
than the IENDTH
OFF
ON
Stand By mode
When the input voltage goes under VBAT-
50mV
OFF
OFF
Bad battery temperature
When the voltage on the TH pin is out of
the programmable window, in accordance
with the NTC or PTC thermistor
ON
ON
Battery absent
When the battery pack is removed
ON
ON
Over time
When TMAXCH or TMAXPRECH is expired
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com