Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6924D_07 Datasheet HTML 22Page - STMicroelectronics L6924D_07 Datasheet HTML 23Page - STMicroelectronics L6924D_07 Datasheet HTML 24Page - STMicroelectronics L6924D_07 Datasheet HTML 25Page - STMicroelectronics L6924D_07 Datasheet HTML 26Page - STMicroelectronics L6924D_07 Datasheet HTML 27Page - STMicroelectronics L6924D_07 Datasheet HTML 28Page - STMicroelectronics L6924D_07 Datasheet HTML 29Page - STMicroelectronics L6924D_07 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Application information: monitoring and protection
L6924D
26/38
When the TH pin voltage rises and exceeds the VMINTH = 50% of VREF (900mV typ), the
L6924D stops the charge, and indicates a fault by the status pins. The device re-starts to
charge the battery, only when the voltage at the TH pin goes under VMINTH_HYS = 780mV (typ).
For what concerns the high temperature limit, when the TH pin voltage falls under the VMAXTH =
12.5% of VREF (225mV Typ.), the L6924D stops the charge until the TH pin voltage rises at the
VMAXTH_HYS = 248mV (Typ.).
When the battery is at the low temperature limit, the TH pin voltage is 900mV. The correct
resistance ratio to set the low temperature limit at 0°C can be found with the following formula:
Where RUP is the pull-up resistor, VREF is equal to 1.8V, and RNTC0°C is the value of the NTC
at 0°C. Since at the low temperature limit VMINTH = 900mV:
It follows that:
Figure 20. Voltage window with hysteresis On TH
Figure 21.
Pin connection
VMINTH
VMAXTH
VMINTH_HYS
VMAXTH_HYS
900mV
780mV
225mV
248mV
Voltage
VariationonTHpin
Charge disable
Charge enable
L6924D
TH
V
REF
NTC
C
NTC
UP
C
NTC
REF
MINTH
R
R
R
V
V
°
°
+
×
=
0
0
Eq: 9-1
C
NTC
UP
C
NTC
R
R
R
°
°
+
×
=
0
0
8
.
1
9
.
0
Eq: 9-2
UP
C
NTC
R
R
=
°
0
Eq: 9-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com