Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS280 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # CS280
Description  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS280 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button CS280 Datasheet HTML 2Page - Advanced Micro Devices CS280 Datasheet HTML 3Page - Advanced Micro Devices CS280 Datasheet HTML 4Page - Advanced Micro Devices CS280 Datasheet HTML 5Page - Advanced Micro Devices CS280 Datasheet HTML 6Page - Advanced Micro Devices CS280 Datasheet HTML 7Page - Advanced Micro Devices CS280 Datasheet HTML 8Page - Advanced Micro Devices CS280 Datasheet HTML 9Page - Advanced Micro Devices CS280 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
XC95288XL High Performance CPLD
6
www.xilinx.com
DS055 (v2.1 April 3, 2007
1-800-255-7778
Product Specification
R
Internal Timing Parameters
Symbol
Parameter
XC95288XL-6
XC95288XL-7
XC95288XL-10
Units
Min
Max
Min
Max
Min
Max
Buffer Delays
TIN
Input buffer delay
-
2.2
-
2.3
-
3.5
ns
TGCK
GCK buffer delay
-
1.2
-
1.5
-
1.8
ns
TGSR
GSR buffer delay
-
2.2
-
3.1
-
4.5
ns
TGTS
GTS buffer delay
-
4.5
-
5.0
-
7.0
ns
TOUT
Output buffer delay
-
2.4
-
2.5
-
3.0
ns
TEN
Output buffer enable/disable
delay
-0
-0
-
0
ns
Product Term Control Delays
TPTCK
Product term clock delay
-
2.0
-
2.4
-
2.7
ns
TPTSR
Product term set/reset delay
-
1.0
-
1.4
-
1.8
ns
TPTTS
Product term 3-state delay
-
6.2
-
7.2
-
7.5
ns
Internal Register and Combinatorial Delays
TPDI
Combinatorial logic propagation delay
-
0.4
-
1.3
-
1.7
ns
TSUI
Register setup time
2.0
-
2.6
-
3.0
-
ns
THI
Register hold time
1.6
-
2.2
-
3.5
-
ns
TECSU
Register clock enable setup time
2.0
-
2.6
-
3.0
-
ns
TECHO
Register clock enable hold time
1.6
-
2.2
-
3.5
-
ns
TCOI
Register clock to output valid time
-
0.2
-
0.5
-
1.0
ns
TAOI
Register async. S/R to output delay
-
6.2
-
6.4
-
7.0
ns
TRAI
Register async. S/R recover before clock
6.0
7.5
10.0
ns
TLOGI
Internal logic delay
-
1.0
-
1.4
-
1.8
ns
TLOGILP Internal low power logic delay
-
5.5
-
6.4
-
7.3
ns
Feedback Delays
TF
Fast CONNECT II feedback delay
-
1.6
-
3.5
-
4.2
ns
Time Adders
TPTA
Incremental product term allocator delay
(first incremental delay)
-0.8
-0.8
-
1.0
ns
TPTA2
Incremental product term allocator delay
(subsequent incremental delay)
-0.3
-0.3
-
0.4
ns
TSLEW
Slew-rate limited delay
-
3.5
-
4.0
-
4.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com