Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS280 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # CS280
Description  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS280 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button CS280 Datasheet HTML 6Page - Advanced Micro Devices CS280 Datasheet HTML 7Page - Advanced Micro Devices CS280 Datasheet HTML 8Page - Advanced Micro Devices CS280 Datasheet HTML 9Page - Advanced Micro Devices CS280 Datasheet HTML 10Page - Advanced Micro Devices CS280 Datasheet HTML 11Page - Advanced Micro Devices CS280 Datasheet HTML 12Page - Advanced Micro Devices CS280 Datasheet HTML 13Page - Advanced Micro Devices CS280 Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
XC95288XL High Performance CPLD
DS055 (v2.1 April 3, 2007
www.xilinx.com
11
Product Specification
1-800-255-7778
R
XC95288XL Global, JTAG and Power Pins(1)
Pin Type
TQ144
PQ208
BG256
FG256
CS280
I/O/GCK1
30
44
T2
M2
R3
I/O/GCK2
32
46
U2
M3
T1
I/O/GCK3
38
55
W4
P5
W2
I/O/GTS1
5
7
C1
D4
D3
I/O/GTS2
6
9
E1
E5
E2
I/O/GTS3
2
3
C2
D3
C2
I/O/GTS4
3
5
D3
E3
C1
I/O/GSR
143
206
A2
C4
C4
TCK
67
98
U16
P12
T15
TDI
63
94
W16
R11
U14
TDO
122
176
B12
A10
D13
TMS
65
96
W17
N12
U15
VCCINT 3.3V
8, 42, 84, 141
11, 59, 124, 153,
204
F1, P2, W5, Y9,
V10, U13, W18,
T20, M19, F20, E17,
B17, B14, A10, C7,
B3, G4
F4, F7, G6, H6, J6,
K6, L7, F8, L8, F9,
L9, F10, L10, G11,
H11, J11, K11
E1, F2, N3, U5, W9,
V9, U12, V16, R17,
M18, G18, D19,
C18, A15, A11, D8,
A4
VCCIO 2.5V/3.3 V 1, 37, 55, 73, 109,
127
1, 26, 53, 65, 79,
92, 105, 132, 157,
172, 181, 184
D4, D6, D11, D15,
D17, F4, F17, K4,
L17, R4, R17, U4,
U6, U10, U15, U17
F3, K4, D5, F6, L6,
P6, C7, N9, C10,
F11, L11, P11, D12,
G13, L14
C3, F1, K1, N4, V2
T6, T10, V14, V18,
P18, K19, G17,
C19, D14, D12, D11,
A7
GND
18, 29, 36, 47, 62,
72, 89, 90, 99,
108, 114, 123,
144
2, 13, 24, 27, 42,
52, 68, 81, 93,
104,1 08, 129,
130, 141, 156,
163, 177, 190,
207
B1, K3, T1, Y5,
W10, Y10, Y14,
V15, U18, R19, K20,
G18, B16, D13, A11,
A6, J9, J10, J11,
J12, K9, K10, K11,
K12, L9, L10, L11,
L12, M9, M10, M11,
M12
A1, A16, C14, T1,
B2, B15, R2, C3,
P3, G7, H7, J7, K7,
G8, H8, J8, K8, G9,
H9, J9, K9, G10,
H10, J10, K10, P14,
R15, T16
E5, F5, G5, H5, J5,
K5, L5, M5, N5, R5,
R6, R7, R8, R9 R10,
R11, R12, R13, R14,
R15, P15, N15,
M15, L15, K15, J15,
H15, G15, F15, E15,
E14, E13, E12, E11,
E10, E9, E8, E7, E6,
P5
No Connects
–
–
A1, A19, A20, B19,
B20, C19, W1, W2,
W3, W20, Y1
-
A1, B2, W1, U3,
W19, U17, A19,
C17, A2, B3
Notes:
1.
The pin-outs are the same for Pb-free versions of packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com