Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS280 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # CS280
Description  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS280 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button CS280 Datasheet HTML 6Page - Advanced Micro Devices CS280 Datasheet HTML 7Page - Advanced Micro Devices CS280 Datasheet HTML 8Page - Advanced Micro Devices CS280 Datasheet HTML 9Page - Advanced Micro Devices CS280 Datasheet HTML 10Page - Advanced Micro Devices CS280 Datasheet HTML 11Page - Advanced Micro Devices CS280 Datasheet HTML 12Page - Advanced Micro Devices CS280 Datasheet HTML 13Page - Advanced Micro Devices CS280 Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
XC95288XL High Performance CPLD
DS055 (v2.1 April 3, 2007
www.xilinx.com
13
Product Specification
1-800-255-7778
R
XC95288XL-6PQG208C
6 ns
PQG208
208-pin
Plastic Quad Flat Package; Pb-free
C
XC95288XL-6BGG256C
6 ns
BGG256 256-ball
Plastic Ball Grid Array; Pb-free
C
XC95288XL-6FGG256C
6 ns
FGG256 256-ball
Plastic Fineline Ball Grid Array; Pb-free
C
XC95288XL-6CSG280C
6 ns
CSG280 280-ball
Chipscale Package; Pb-free
C
XC95288XL-7TQG144C
7.5 ns
TQG144
144-pin
Thin Quad Flat Pack; Pb-free
C
XC95288XL-7PQG208C
7.5 ns
PQG208
208-pin
Plastic Quad Flat Package; Pb-free
C
XC95288XL-7BGG256C
7.5 ns
BGG256 256-ball
Plastic Ball Grid Array; Pb-free
C
XC95288XL-7FGG256C
7.5 ns
FGG256 256-ball
Plastic Fineline Ball Grid Array; Pb-free
C
XC95288XL-7CSG280C
7.5 ns
CSG280
280-pin
Chipscale Package; Pb-free
C
XC95288XL-7TQG144I
7.5 ns
TQG144
144-pin
Thin Quad Flat Pack; Pb-free
I
XC95288XL-7PQG208I
7.5 ns
PQG208
208-pin
Plastic Quad Flat Package; Pb-free
I
XC95288XL-7BGG256I
7.5 ns
BGG256 256-ball
Plastic Ball Grid Array; Pb-free
I
XC95288XL-7FGG256I
7.5 ns
FGG256 256-ball
Plastic Fineline Ball Grid Array; Pb-free
I
XC95288XL-7CSG280I
7.5 ns
CSG280
280-pin
Chipscale Package; Pb-free
I
XC95288XL-10TQG144C
10 ns
TQG144
144-pin
Thin Quad Flat Pack; Pb-free
C
XC95288XL-10PQG208C
10 ns
PQG208
208-pin
Plastic Quad Flat Package; Pb-free
C
XC95288XL-10BGG256C
10 ns
BGG256 256-ball
Plastic Ball Grid Array; Pb-free
C
XC95288XL-10FGG256C
10 ns
FGG256 256-ball
Plastic Fineline Ball Grid Array; Pb-free
C
XC95288XL-10CSG280C
10 ns
CSG280 280-ball
Chipscale Package; Pb-free
C
XC95288XL-10TQG144I
10 ns
TQG144
144-pin
Thin Quad Flat Pack; Pb-free
I
XC95288XL-10PQG208I
10 ns
PQG208
208-pin
Plastic Quad Flat Package; Pb-free
I
XC95288XL-10BGG256I
10 ns
BGG256 256-ball
Plastic Ball Grid Array; Pb-free
I
XC95288XL-10FGG256I
10 ns
FGG256 256-ball
Plastic Fineline Ball Grid Array; Pb-free
I
XC95288XL-10CSG280I
10 ns
CSG280 280-ball
Chipscale Package; Pb-free
I
Notes:
1.
C = Commercial: TA = 0° to +70°C; I = Industrial: TA = –40° to +85°C
Device Ordering and
Part Marking Number
Speed
(pin-to-pin
delay)
Pkg.
Symbol
No. of
Pins
Package Type
Operating
Range(1)
Standard Example: XC95288XL
Device
Speed Grade
Package Type
Number of Pins
Temperature Range
-4 TQ
C
144
Pb-Free Example: XC95288XL
TQ
G 144 C
Device
Speed Grade
Package Type
Pb-Free
Number of Pins
-4
Temperature Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com