Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS280 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # CS280
Description  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS280 Datasheet(HTML) 1 Page - Advanced Micro Devices

  CS280 Datasheet HTML 1Page - Advanced Micro Devices CS280 Datasheet HTML 2Page - Advanced Micro Devices CS280 Datasheet HTML 3Page - Advanced Micro Devices CS280 Datasheet HTML 4Page - Advanced Micro Devices CS280 Datasheet HTML 5Page - Advanced Micro Devices CS280 Datasheet HTML 6Page - Advanced Micro Devices CS280 Datasheet HTML 7Page - Advanced Micro Devices CS280 Datasheet HTML 8Page - Advanced Micro Devices CS280 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS055 (v2.1 April 3, 2007
www.xilinx.com
1
Product Specification
1-800-255-7778
© 1998-2007 Xilinx, Inc. All rights reserved. All Xilinx trademarks, registered trademarks, patents, and disclaimers are as listed at http://www.xilinx.com/legal.htm.
All other trademarks and registered trademarks are the property of their respective owners. All specifications are subject to change without notice.
Features
•
6 ns pin-to-pin logic delays
•
System frequency up to 208 MHz
•
288 macrocells with 6,400 usable gates
•
Available in small footprint packages
-
144-pin TQFP (117 user I/O pins)
-
208-pin PQFP (168 user I/O pins)
-
256-pin BGA (192 user I/O pins)
-
256-pin FBGA (192 user I/O pins)
-
280-pin CSP (192 user I/O pins)
-
Pb-free available for all packages
•
Optimized for high-performance 3.3V systems
-
Low power operation
-
5V tolerant I/O pins accept 5V, 3.3V, and 2.5V
signals
-
3.3V or 2.5V output capability
-
Advanced 0.35 micron feature size CMOS
Fast FLASH™ technology
•
Advanced system features
-
In-system programmable
-
Superior pin-locking and routability with
Fast CONNECT™ II switch matrix
-
Extra wide 54-input Function Blocks
-
Up to 90 product-terms per macrocell with
individual product-term allocation
-
Local clock inversion with three global and one
product-term clocks
-
Individual output enable per output pin with local
inversion
-
Input hysteresis on all user and boundary-scan pin
inputs
-
Bus-hold circuitry on all user pin inputs
-
Full IEEE Standard 1149.1 boundary-scan (JTAG)
•
Fast concurrent programming
•
Slew rate control on individual outputs
•
Enhanced data security features
•
Excellent quality and reliability
-
Endurance exceeding 10,000 program/erase
cycles
-
20 year data retention
-
ESD protection exceeding 2,000V
•
Pin-compatible with 5V-core XC95288 device in the
208-pin HQFP package
WARNING: Programming temperature range of
TA = 0° C to +70° C
Description
The XC95288XL is a 3.3V CPLD targeted for high-perfor-
mance, low-voltage applications in leading-edge communi-
cations and computing systems. It is comprised of 16
54V18 Function Blocks, providing 6,400 usable gates with
propagation delays of 6 ns. See Figure 2 for architecture
overview.
Power Estimation
Power dissipation in CPLDs can vary substantially depend-
ing on the system frequency, design application and output
loading. To help reduce power dissipation, each macrocell
in a XC9500XL device may be configured for low-power
mode (from the default high-performance mode). In addi-
tion, unused product-terms and macrocells are automati-
cally deactivated by the software to further conserve power.
For a general estimate of ICC, the following equation may be
used:
ICC(mA) = MCHS(0.175*PTHS + 0.345) + MCLP(0.052*PTLP
+ 0.272) + 0.04 * MCTOG(MCHS +MCLP)* f
where:
MCHS = # macrocells in high-speed configuration
PTHS = average number of high-speed product terms
per macrocell
MCLP = # macrocells in low power configuration
PTLP = average number of low power product terms per
macrocell
f = maximum clock frequency
MCTOG = average % of flip-flops toggling per clock
(~12%)
This calculation was derived from laboratory measurements
of an XC9500XL part filled with 16-bit counters and allowing
a single output (the LSB) to be enabled. The actual ICC
value varies with the design application and should be veri-
fied during normal system operation. Figure 1 shows the
above estimation in a graphical form. For a more detailed
discussion of power consumption in this device, see Xilinx
0
XC95288XL High Performance
CPLD
DS055 (v2.1 April 3, 2007
05
Product Specification
R


Similar Part No. - CS280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS28254 ETC-CS28254 Datasheet
809Kb / 1P
USB3. 0 AM/AM
2014-11-13
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
logo
ON Semiconductor
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS2841BEBN8 ONSEMI-CS2841BEBN8 Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS2841BEBN8G ONSEMI-CS2841BEBN8G Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
More results

Similar Description - CS280

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
High Performance E2PROM CPLD
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
High- Performance EE CPLD
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
High Performance EE-Based CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
High-performance EEPROM CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
Highperformance CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
Highperformance CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
High Performance CPLD
XC9500XL XILINX-XC9500XL Datasheet
293Kb / 18P
XC9500XL High-Performance CPLD Family Data Sheet
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
High-Performance CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com