Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74821ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX74821ARMZ-R7
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74821ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  MAX74821ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
MAX74821
analog.com
Rev. 0
3 of 15
SPECIFICATIONS
5V Electrical Specifications
Table 1. Electrical Characteristics
(VS = 5V, VCM = VS/2, TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX
UNITS
INPUT CHARACTERISTICS
Offset Voltage
VOS
VS = 5V, VCM = 0V to 5V
80
300
µV
−40°C < TA < +125°C
750
µV
Input Bias Current
IB
0.25
5
pA
−40°C < TA < +125°C
175
pA
Input Offset Current
IOS
0.15
2.5
pA
−40°C < TA < +125°C
85
pA
Input Voltage Range
-0.1
5.1
V
Common-Mode Rejection Ratio
CMRR
VCM = 0V to 5V
85
100
dB
−40°C < TA < +125°C
90
dB
Large Signal Voltage Gain
AVO
RL = 2kΩ, VO = 0.5V to 4.5V
108
120
dB
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +125°C
1
µV/°C
INPUT CAPACITANCE
Common-Mode Input Capacitance
CCOM
8.8
pF
Differential Input Capacitance
CDIFF
2.6
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1mA
4.96 4.98
V
−40°C < TA < +125°C
4.6
V
Output Voltage Low
VOL
IL = 1mA
20
40
mV
−40°C < TA < +125°C
290
mV
Output Current
IOUT
±80
mA
Closed-Loop Output Impedance
ZOUT
f = 1MHz, AV = +1
1
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7V to 5.5V
80
95
dB
−40°C < TA < +125°C
90
dB
Supply Current/Amplifier
ISY
IOUT = 0mA
1
1.15
mA
−40°C < TA < +125°C
1.4
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2kΩ, CL = 16pF
5
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com