Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74821ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX74821ARMZ-R7
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74821ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX74821ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
MAX74821
analog.com
Rev. 0
10 of 15
Figure 20. Large Signal Transient Response
Figure 21. Positive Overload Recovery
Figure 22. Negative Overload Recovery
Figure 23. Channel Separation vs. Frequency
Figure 24. No Phase Reversal
Figure 25. THD + Noise vs. Frequency
TIME (400ns/DIV)
VS = ±2.5V
RL = 10kΩ
CL = 200pF
AV = 1
TIME (400ns/DIV)
2.5V
–50mV
0V
VOUT
VIN
0V
VS = ±2.5V
RL = 10kΩ
AV = –100
VIN = 50mV
VS = ±2.5V
RL = 10kΩ
AV = –100
VIN = 50mV
TIME (1µs/DIV)
–2.5V
50mV
0V
0V
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
100M
–20
0
–40
–60
–80
–100
–120
–140
–160
–180
TIME (4µs/DIV)
VOUT
VIN
VS = ±2.5V
VIN = 6V p-p
AV = 1
RL = 10kΩ
FREQUENCY (Hz)
0.1
0.01
0.0001
20
20k
100
1k
0.001
10k
VSY = ±2.5V
AV = 1
BW = 80kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com