Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74821ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX74821ARMZ-R7
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74821ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  MAX74821ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
MAX74821
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Low offset voltage: 300µV maximum
Low input bias currents: 5pA maximum
Low noise: 9nV/√Hz
Wide bandwidth: 10MHz
High slew rate: 5V/µs
High open-loop gain: 120dB
Unity gain stable
Single-supply operation: 5.5V
Low supply current: 1.15mA/amplifier
APPLICATIONS
Photodiode amplification
Optical control loops
Battery-powered instrumentation
Loop-powered instrumentation
Multipole filters
Sensors
Barcode scanners
Audio
GENERAL DESCRIPTION
The MAX74821 is a dual rail-to-rail input and output,
single-supply amplifier. The MAX74821 features very low
offset voltage, low input voltage and current noise, and
wide signal bandwidth. The MAX74821 uses the Analog
Devices Inc. patented DigiTrim® trimming technique1,
which achieves superior precision without the switching
noise associated with chopping or auto-zeroing
techniques.
The combination of low offsets, low noise, very low
input bias currents, and high speed makes this amplifier
useful in a wide variety of applications. Filters,
integrators, photodiode amplifiers, and high impedance
sensors all benefit from the combination of
performance features. Audio and other AC applications
benefit from the wide bandwidth and low distortion.
Applications for these amplifiers include optical control
loops, portable and loop-powered instrumentation,
and audio amplification for portable devices.
The MAX74821 is specified over the extended industrial
temperature range (−40°C to +125°C). The MAX74821
dual is available in an 8-lead MSOP package.
1
Protected by U.S. Patent No. 5,969,657.


Similar Part No. - MAX74821ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7482 MAXIM-MAX7482 Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
logo
Analog Devices
MAX74822 AD-MAX74822 Datasheet
471Kb / 16P
5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
Rev. 0; 10/25
MAX74822ARMZ AD-MAX74822ARMZ Datasheet
471Kb / 16P
5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
Rev. 0; 10/25
MAX74822ARMZ-R7 AD-MAX74822ARMZ-R7 Datasheet
471Kb / 16P
5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
Rev. 0; 10/25
MAX74822ARMZ-RL AD-MAX74822ARMZ-RL Datasheet
471Kb / 16P
5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
Rev. 0; 10/25
More results

Similar Description - MAX74821ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Rohm
LMR376YG-C ROHM-LMR376YG-C Datasheet
1Mb / 20P
Automotive Low Offset Low Noise & Rail-to-Rail Input/Output CMOS Operational Amplifier
10.Feb.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com