Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74821ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX74821ARMZ-R7
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74821ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX74821ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74821ARMZ-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet
MAX74821
analog.com
Rev. 0
12 of 15
APPLICATIONS INFORMATION
Output Phase Reversal
Phase reversal is defined as a change in polarity at the output of the amplifier when a voltage that exceeds the
maximum input common-mode voltage drives the input.
Phase reversal can cause permanent damage to the amplifier; it can also cause system lockups in feedback loops.
The MAX74821 does not exhibit phase reversal even for inputs exceeding the supply voltage by more than 2 V.
Maximum Power Dissipation
Power dissipated in an IC causes the die temperature to increase, which can affect the behavior of the IC and the
application circuit performance.
The absolute maximum junction temperature of the MAX74821 is 150°C. Exceeding this temperature can damage or
destroy the device.
The maximum power dissipation of the amplifier is calculated according to:
������������������������������ =
������������ − ������������
������������
where:
TJ is the junction temperature.
TA is the ambient temperature.
θJA is the junction-to-ambient thermal resistance.
Input Overvoltage Protection
The MAX74821 has internal protective circuitry. However, if the voltage applied at either input exceeds the supplies
by more than 0.3V, external resistors should be placed in series with the inputs. The resistor values can be
determined by:
������������������ − ������������
������������
≤ 10mA
The remarkable low input offset current of the MAX74821 (<1pA) allows the use of larger value resistors. With a 10kΩ
resistor at the input, the output voltage has less than 10nV of error voltage.
A 10kΩ resistor has less than 13nV/√Hz of thermal noise at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com