Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1952 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F1952
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1952 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F1952 Datasheet HTML 10Page - Renesas Technology Corp F1952 Datasheet HTML 11Page - Renesas Technology Corp F1952 Datasheet HTML 12Page - Renesas Technology Corp F1952 Datasheet HTML 13Page - Renesas Technology Corp F1952 Datasheet HTML 14Page - Renesas Technology Corp F1952 Datasheet HTML 15Page - Renesas Technology Corp F1952 Datasheet HTML 16Page - Renesas Technology Corp F1952 Datasheet HTML 17Page - Renesas Technology Corp F1952 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
© 2021 Renesas Electronics Corporation
14
Sep 28, 2021
PIN DESCRIPTIONS
Pin #
Pin Name
Pin Function
1
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
2
RF1
Device RF input or output (bi-directional). Requires a DC Block.
3
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
4
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
5
SDO
Serial Data Out. Delayed 8 clock cycles from Serial Data In.
6
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
7
RSTb
Reset BAR. Falling Edge resets the device to Max Attenuation [D5:D0] = [000000].
8
CLK
Serial Clock.
9
CSb
Chip Select Bar. Serial Data latched into active register on Rising Edge.
10
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
11
SDI
Serial Data Input.
12
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
13
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
14
VDD
Main Supply. Use 3.3V or 5V. Current is < 1 mA.
15
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
16
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
17
RF2
Device RF output or input (bi-directional). Requires a DC Block.
18
NC
No internal connection. These pins can be left unconnected, voltage applied, or
connected to ground (recommended).
19
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
20
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
21
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
22
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
23
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
24
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
EP
Exposed
Paddle
Connect to Ground with multiple vias for good thermal relief.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com