Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1952 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F1952
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1952 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F1952 Datasheet HTML 13Page - Renesas Technology Corp F1952 Datasheet HTML 14Page - Renesas Technology Corp F1952 Datasheet HTML 15Page - Renesas Technology Corp F1952 Datasheet HTML 16Page - Renesas Technology Corp F1952 Datasheet HTML 17Page - Renesas Technology Corp F1952 Datasheet HTML 18Page - Renesas Technology Corp F1952 Datasheet HTML 19Page - Renesas Technology Corp F1952 Datasheet HTML 20Page - Renesas Technology Corp F1952 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
© 2021 Renesas Electronics Corporation
19
Sep 28, 2021
REVISION HISTORY
Rev
Date
Description of Change
6
September 28, 2021 Updated Top Marking Diagram with correct information
Completed other minor changes
5
August 7, 2020
Updated Operating Range to 5GHz, Updated High Frequency Plots
4
May 10, 2018
Removed maximum spec for CSb timing.
Revision of voltage supply range on page 1 to match specification table.
Revision of the package outline drawing (POD) section to explain that the
POD is now given at the end of the document and to provide a link to the
POD on the company website. POD is now NBG24P2.
Revision of references to part name from IDTF1951 to F1951.
Minor edits.
3
July 21, 2017
Corrected Absolute Maximum Supply Voltage.
Added information about Serial Output Line.
Added Revision History Sheet
2
Apil 02, 2014
Corrected Timing Decriptions
1
March 20, 2013
Corrected Footer
0
January 15, 2013
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com