Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1952 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F1952
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1952 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F1952 Datasheet HTML 13Page - Renesas Technology Corp F1952 Datasheet HTML 14Page - Renesas Technology Corp F1952 Datasheet HTML 15Page - Renesas Technology Corp F1952 Datasheet HTML 16Page - Renesas Technology Corp F1952 Datasheet HTML 17Page - Renesas Technology Corp F1952 Datasheet HTML 18Page - Renesas Technology Corp F1952 Datasheet HTML 19Page - Renesas Technology Corp F1952 Datasheet HTML 20Page - Renesas Technology Corp F1952 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
© 2021 Renesas Electronics Corporation
17
Sep 28, 2021
EVKIT BOM
TOP MARKING
F1951 BOM Rev 02 PCB Rev 01
Item # Value
Size
Description
Mfr. Part #
Mfr.
Ref Des
Qty
1
1000pF
0402
CAP CER 1000PF 50V C0G 0402
GRM1555C1H102JA01D
MURATA
C13,14
2
2
10nF
0402
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D
MURATA
C12
1
3
0.1uF
0402
CAP CER 0.1UF 16V 10% X7R 0402
GRM155R71C104KA88D
MURATA
C11
1
4
Header 2 Pin
TH 2
CONN HEADER VERT SGL 2POS GOLD
961102-6404-AR
3M
J5
1
5
Header 4 Pin
TH 4
CONN HEADER VERT SGL 4POS GOLD
961104-6404-AR
3M
J8
1
6
Header 8 Pin
TH 8
CONN HEADER VERT SGL 8POS GOLD
961108-6404-AR
3M
J6
1
7
SMA_END_LAUNCH
.062
SMA_END_LAUNCH (Small)
142-0711-821
Emerson Johnson
J2,3,4
3
8
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
R7,8,10
3
9
3K
0402
RES 3.00K OHM 1/10W 1% 0402 SMD
ERJ-2RKF3001X
Panasonic
R3,5,6
3
10
Digital Step Attenuator
F1951
F1951
IDT
U2
1
11
PCB
PCB Rev 01
F195XS Evkit Rev 01
1
Total
18
10/26/2012
IDTF19
51NBGI
ZA039AGA
Lot Code
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com