Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6222 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFSW6222
Description  50MHz to 3700MHz DPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6222 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFSW6222 Datasheet HTML 1Page - Qorvo, Inc RFSW6222 Datasheet HTML 2Page - Qorvo, Inc RFSW6222 Datasheet HTML 3Page - Qorvo, Inc RFSW6222 Datasheet HTML 4Page - Qorvo, Inc RFSW6222 Datasheet HTML 5Page - Qorvo, Inc RFSW6222 Datasheet HTML 6Page - Qorvo, Inc RFSW6222 Datasheet HTML 7Page - Qorvo, Inc RFSW6222 Datasheet HTML 8Page - Qorvo, Inc RFSW6222 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Classification | PRIVATE
RFSW6222
50 MHz to 3700 MHz Differential or Dual SPDT Switch
Datasheet, Rev. D, March 10, 2021 | Subject to change without notice
3 of 10
www.qorvo.com
®
Electrical Specifications (Continued)
Parameter
Conditions
 (1)
Min
Typ
Max
Units
VSWR
700 MHz to 2700 MHz
1.1:1
1.3:1
Ratio
Device Current, IVDD
90
110
μA
Control Current, ICB1
1
μA
Control Voltage High, VCB1
1.3
1.8
2.7
V
Control Voltage Low, VCB1
0
0.45
V
Switching Time
50% control to 10/90% RF
5
μs
Notes:
1. Test conditions unless otherwise noted: VDD
 =  +2.8V, VCB1 High/Low = +1.8V / 0 V, Temp = +25 °C, Single-ended 50 Ω system,
2. PCB trace loss deducted
Truth Table
– Control Logic
Control Input
Mode of Signal Path
CB1
Switch RF1
Switch RF2
0
RF1
⇆ RF1A
RF2
⇆ RF2A
1
RF1
⇆ RF1B
RF2
⇆ RF2B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com